Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7477AARM Datasheet(PDF) 14 Page - Analog Devices

Part # AD7477AARM
Description  2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7477AARM Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7477AARM Datasheet HTML 10Page - Analog Devices AD7477AARM Datasheet HTML 11Page - Analog Devices AD7477AARM Datasheet HTML 12Page - Analog Devices AD7477AARM Datasheet HTML 13Page - Analog Devices AD7477AARM Datasheet HTML 14Page - Analog Devices AD7477AARM Datasheet HTML 15Page - Analog Devices AD7477AARM Datasheet HTML 16Page - Analog Devices AD7477AARM Datasheet HTML 17Page - Analog Devices AD7477AARM Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
REV. C
–14–
AD7476A/AD7477A/AD7478A
CIRCUIT INFORMATION
The AD7476A/AD7477A/AD7478A are fast, micropower,
12-/10-/8-bit, single-supply A/D converters, respectively. The
parts can be operated from a 2.35 V to 5.25 V supply. When
operated from either a 5 V supply or a 3 V supply, the AD7476A/
AD7477A/AD7478A are capable of throughput rates of 1 MSPS
when provided with a 20 MHz clock.
The AD7476A/AD7477A/AD7478A provide the user with an
on-chip, track-and-hold A/D converter and a serial interface
housed in a tiny 6-lead SC70 or 8-lead MSOP package, which
offer the user considerable space-saving advantages over alterna-
tive solutions. The serial clock input accesses data from the part
but also provides the clock source for the successive-approximation
A/D converter. The analog input range is 0 V to VDD. The ADC
does not require an external reference or an on-chip reference.
The reference for the AD7476A/AD7477A/AD7478A is derived
from the power supply and thus gives the widest dynamic input
range.
The AD7476A/AD7477A/AD7478A also feature a power-down
option to allow power saving between conversions. The power-
down feature is implemented across the standard serial interface,
as described in the Modes of Operation section.
CONVERTER OPERATION
The AD7476A/AD7477A/AD7478A is a successive-approximation,
analog-to-digital converter based around a charge redistribution
DAC. Figures 4 and 5 show simplified schematics of the ADC.
Figure 4 shows the ADC during its acquisition phase. SW2 is
closed and SW1 is in Position A, the comparator is held in a
balanced condition, and the sampling capacitor acquires the
signal on VIN.
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
COMPARATOR
SW2
SAMPLING
CAPACITOR
ACQUISITION
PHASE
SW1
A
B
AGND
VDD/2
VIN
Figure 4. ADC Acquisition Phase
When the ADC starts a conversion, see Figure 5, SW2 will open and
SW1 will move to Position B, causing the comparator to become
unbalanced. The control logic and the charge redistribution
DAC are used to add and subtract fixed amounts of charge from
the sampling capacitor to bring the comparator back into a
balanced condition. When the comparator is rebalanced, the
conversion is complete. The control logic generates the ADC
output code. Figure 6 shows the ADC transfer function.
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
COMPARATOR
SW2
SAMPLING
CAPACITOR
CONVERSION
PHASE
SW1
A
B
AGND
VDD/2
VIN
Figure 5. ADC Conversion Phase
ADC TRANSFER FUNCTION
The output coding of the AD7476A/AD7477A/AD7478A is
straight binary.
The designed code transitions occur at the successive integer
LSB values, i.e., 1 LSB, 2 LSB, and so on. The LSB size is
VDD/4096 for the AD7476A, VDD/1024 for the AD7477A, and
VDD/256 for the AD7478A. The ideal transfer characteristic for
the AD7476A/AD7477A/AD7478A is shown in Figure 6.
000...000
0V
ANALOG INPUT
111...111
000...001
000...010
111...110
111...000
011...111
1LSB = VDD/256 (AD7478A)
1LSB
+VDD – 1LSB
1LSB = VDD/1024 (AD7477A)
1LSB = VDD/4096 (AD7476A)
Figure 6. AD7476A/AD7477A/AD7478A
Transfer Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com