Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7477AARM Datasheet(PDF) 17 Page - Analog Devices

Part # AD7477AARM
Description  2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7477AARM Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7477AARM Datasheet HTML 13Page - Analog Devices AD7477AARM Datasheet HTML 14Page - Analog Devices AD7477AARM Datasheet HTML 15Page - Analog Devices AD7477AARM Datasheet HTML 16Page - Analog Devices AD7477AARM Datasheet HTML 17Page - Analog Devices AD7477AARM Datasheet HTML 18Page - Analog Devices AD7477AARM Datasheet HTML 19Page - Analog Devices AD7477AARM Datasheet HTML 20Page - Analog Devices AD7477AARM Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. C
AD7476A/AD7477A/AD7478A
–17–
SCLK frequency one dummy cycle is sufficient to power up the
device and acquire VIN, it does not necessarily mean that a full
dummy cycle of 16 SCLKs must always elapse to power up the
device and acquire VIN fully; 1
µs will be sufficient to power up
the device and acquire the input signal. If, for example, a
5 MHz SCLK frequency was applied to the ADC, the cycle
time would be 3.2
µs. In one dummy cycle, 3.2 µs, the part
would be powered up and VIN acquired fully. However, after 1
µs
with a 5 MHz SCLK, only five SCLK cycles would have elapsed.
At this stage, the ADC would be fully powered up and the sig-
nal acquired. In this case, the
CS can be brought high after the
10th SCLK falling edge and brought low again after a time,
tQUIET, to initiate the conversion.
When power supplies are first applied to the AD7476A/AD7477A/
AD7478A, the ADC may power up in either the power-down or
normal mode. Because of this, it is best to allow a dummy cycle
to elapse to ensure that the part is fully powered up before attempt-
ing a valid conversion. Likewise, if it is intended to keep the part
in the power-down mode while not in use and the user wishes
the part to power up in power-down mode, the dummy cycle
may be used to ensure that the device is in power-down by
executing a cycle such as that shown in Figure 10. Once supplies
are applied to the AD7476A/AD7477A/AD7478A, the power-up
time is the same as that when powering up from the power-
down mode. It takes approximately 1
µs to power up fully if the
part powers up in normal mode. It is not necessary to wait 1
µs
before executing a dummy cycle to ensure the desired mode of
operation. Instead, the dummy cycle can occur directly after
power is supplied to the ADC. If the first valid conversion is
performed directly after the dummy conversion, care must be
taken to ensure that an adequate acquisition time has been
allowed. As mentioned earlier, when powering up from the
power-down mode, the part will return to track upon the first
SCLK edge applied after the falling edge of
CS. However,
when the ADC powers up initially after supplies are applied,
the track-and-hold will already be in track. This means, assum-
ing one has the facility to monitor the ADC supply current, if
the ADC powers up in the desired mode of operation and thus
a dummy cycle is not required to change the mode, a dummy
cycle is not required to place the track-and-hold into track.
POWER VS. THROUGHPUT RATE
By using the power-down mode on the AD7476A/AD7477A/
AD7478A when not converting, the average power consumption
of the ADC decreases at lower throughput rates. Figure 12 shows
how as the throughput rate is reduced, the device remains in its
power-down state longer and the average power consumption over
time drops accordingly.
For example, if the AD7476A/AD7477A/AD7478A are oper-
ated in a continuous sampling mode with a throughput rate of
100 kSPS and an SCLK of 20 MHz (VDD = 5 V) and the devices
are placed in the power-down mode between conversions, the
power consumption is calculated as follows. The power dissipation
during normal operation is 17.5 mW (VDD = 5 V). If the power-up
time is one dummy cycle, i.e., 1
µs, and the remaining conversion
VALID DATA
SDATA
SCLK
CS
110
12
1416
AD7476A/AD7477A/AD7478A
Figure 9. Normal Mode Operation
THREE-STATE
SDATA
SCLK
CS
110
12
1416
2
Figure 10. Entering Power-Down Mode
INVALID DATA
SDATA
SCLK
CS
110
12
14
16
A
116
VALID DATA
THE PART IS FULLY
POWERED UP WITH
VIN FULLY ACQUIRED
THE PART
BEGINS TO
POWER UP
Figure 11. Exiting Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com