Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7477AARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD7477AARM
Description  2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7477AARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7477AARM Datasheet HTML 11Page - Analog Devices AD7477AARM Datasheet HTML 12Page - Analog Devices AD7477AARM Datasheet HTML 13Page - Analog Devices AD7477AARM Datasheet HTML 14Page - Analog Devices AD7477AARM Datasheet HTML 15Page - Analog Devices AD7477AARM Datasheet HTML 16Page - Analog Devices AD7477AARM Datasheet HTML 17Page - Analog Devices AD7477AARM Datasheet HTML 18Page - Analog Devices AD7477AARM Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
REV. C
AD7476A/AD7477A/AD7478A
–15–
TYPICAL CONNECTION DIAGRAM
Figure 7 shows a typical connection diagram for the AD7476A/
AD7477A/AD7478A. VREF is taken internally from VDD and, as
such, VDD should be well decoupled. This provides an analog
input range of 0 V to VDD. The conversion result is output in a
16-bit word with four leading zeros followed by the MSB of the
12-bit, 10-bit, or 8-bit result. The 10-bit result from the AD7477A
will be followed by two trailing zeros, and the 8-bit result from
the AD7478A will be followed by four trailing zeros.
Alternatively, because the supply current required by the AD7476A/
AD7477A/AD7478A is so low, a precision reference can be used
as the supply source to the AD7476A/AD7477A/AD7478A. A
REF19x voltage reference (REF195 for 5 V or REF193 for 3 V)
can be used to supply the required voltage to the ADC (see Figure 7).
This configuration is especially useful if the power supply is
quite noisy or if the system supply voltages are at some value
other than 5 V or 3 V (e.g., 15 V). The REF19x will output a
steady voltage to the AD7476A/AD7477A/AD7478A. If the low
dropout REF193 is used, the current it needs to supply to the
AD7476A/AD7477A/AD7478A is typically 1.2 mA. When
the ADC is converting at a rate of 1 MSPS, the REF193 will
need to supply a maximum of 1.7 mA to the AD7476A/
AD7477A/AD7478A. The load regulation of the REF193 is typi-
cally 10 ppm/mA (VS = 5 V), which results in an error of 17 ppm
(51
µV) for the 1.7 mA drawn from it. This corresponds to a
0.069 LSB error for the AD7476A with VDD = 3 V from the
REF193, a 0.017 LSB error for the AD7477A, and a 0.0043 LSB
error for the AD7478A. For applications where power consumption
is of concern, the power-down mode of the ADC and the sleep
mode of the REF19x reference should be used to improve
power performance. See the Modes of Operation section.
AD7476A/
AD7477A/
AD7478A
SCLK
SDATA
CS
VIN
GND
0V TO VDD
INPUT
VDD
C/ P
SERIAL
INTERFACE
0.1 F
1 F
TANT
REF193
1.2mA
680nF
10 F
0.1 F
3V
5V
SUPPLY
Figure 7. REF193 as Power Supply to AD7476A/
AD7477A/AD7478A
Table I provides some typical performance data with various
references used as a VDD source for a 100 kHz input tone at
room temperature under the same setup conditions.
Table I. AD7476A Typical Performance for Various
Voltage References IC
Reference Tied
AD7476A SNR Performance
to VDD
(dB)
AD780 @ 3 V
72.65
REF193
72.35
AD780 @ 2.5 V
72.5
REF192
72.2
REF43
72.6
Analog Input
Figure 8 shows an equivalent circuit of the analog input structure
of the AD7476A/AD7477A/AD7478A. The two diodes, D1 and
D2, provide ESD protection for the analog input. Care must be
taken to ensure that the analog input signal never exceeds the
supply rails by more than 300 mV. This will cause these diodes
to become forward-biased and start conducting current into the
substrate. The maximum current these diodes can conduct
without causing irreversible damage to the part is 10 mA. The
capacitor C1 in Figure 8 is typically about 6 pF and can primarily
be attributed to pin capacitance. The resistor R1 is a lumped
component made up of the on resistance of a switch. This resistor
is typically about 100
Ω. The capacitor C2 is the ADC sampling
capacitor and has a capacitance of 20 pF typically. For ac applica-
tions, removing high frequency components from the analog input
signal is recommended by use of a band-pass filter on the relevant
analog input pin. In applications where harmonic distortion and
signal-to-noise ratio are critical, the analog input should be driven
from a low impedance source. Large source impedances will
significantly affect the ac performance of the ADC. This may
necessitate the use of an input buffer amplifier. The choice of
the op amp will be a function of the particular application.
D1
D2
R1
C2
20pF
VDD
VIN
C1
6pF
CONVERSION PHASE – SWITCH OPEN
TRACK PHASE – SWITCH CLOSED
Figure 8. Equivalent Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com