Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6009 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6009
Description  9 Channel Buffer Amplifier for TFT-LCD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6009 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC6009 Datasheet HTML 1Page - National Semiconductor (TI) LMC6009 Datasheet HTML 2Page - National Semiconductor (TI) LMC6009 Datasheet HTML 3Page - National Semiconductor (TI) LMC6009 Datasheet HTML 4Page - National Semiconductor (TI) LMC6009 Datasheet HTML 5Page - National Semiconductor (TI) LMC6009 Datasheet HTML 6Page - National Semiconductor (TI) LMC6009 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, and VDD = 5VDC.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
∆V
L
Load Regulation
V
IN = 0.5– 4.5 VDC
I
SOURCE =20mA
−10
mV
I
SINK = 20 mA
+10
mV
V
IH
A/B Switch Logic Voltage, High
Select A
2
V
V
IL
A/B Switch Logic Voltage, Low
Select B
0.8
V
I
IH
A/B Switch Logic Current, High
1.5
µA
I
IL
A/B Switch Logic Current, Low
1µA
A
V
Voltage Gain
0.985
V/V
AC Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, and VDD = 3VDC.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
S1
Settling Time 1 (Note 2)
I
DC = 13 mA (Sink/Source)
3
6
µs
T
S2
Settling Time 2 (Note 2)
I
DC = 13 mA (Sink/Source)
3
6
µs
Note 2: See test circuits (
Figure 3 , Figure 4 and Figure 5 )
DS012533-2
FIGURE 1. Rise and Fall Times at Outputs
www.national.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com