Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6009 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6009
Description  9 Channel Buffer Amplifier for TFT-LCD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6009 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6009 Datasheet HTML 1Page - National Semiconductor (TI) LMC6009 Datasheet HTML 2Page - National Semiconductor (TI) LMC6009 Datasheet HTML 3Page - National Semiconductor (TI) LMC6009 Datasheet HTML 4Page - National Semiconductor (TI) LMC6009 Datasheet HTML 5Page - National Semiconductor (TI) LMC6009 Datasheet HTML 6Page - National Semiconductor (TI) LMC6009 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LMC6009
9 Channel Buffer Amplifier for TFT-LCD
General Description
The LMC6009 is a CMOS integrated circuit that buffers 9 ref-
erence voltages for gamma correction in a Thin Film Transis-
tor Liquid Crystal Display (TFT-LCD). Guaranteed to operate
at both 3.3V and 5V supplies, this integrated circuit contains
nine, independent unity gain buffers that can source 130 mA
into a capacitive load without oscillation.
The LMC6009 is useful for buffering gamma voltages into
column drivers that employ the resistor-divider architecture.
High output current capability and fast settling characteristics
of this device improve display quality by minimizing rise time
errors at the outputs of the column driver. The integration of
nine buffers and a multiplexer eliminates the need for dis-
crete buffers and a separate multiplexer (MUX) chip on the
panel.
The LMC6009 is available in 48-pin surface mount TSSOP.
Features
n Number of inputs
18
n 3.3V and 5V operation
n Supply current
3.5 mA
n Settling time
3 µs
n A/B channel inputs for asymmetrical Gamma
n Number of outputs
9
n Number of control inputs
1
n Built-in thermal shutdown protection
Applications
n VGA/SVGA TFT-LCD drive circuits
n Electronic Notebooks
n Electronic Games
n Personal Communication Devices
n Personal Digital Assistants (PDA)
Application in VGA/SVGA TFT-LCD
Ordering Information
Package
Temperature Range
Transport Media
NSC Drawing
48-pin TSSOP
−20˚C–+75˚C
MTD48
LMC6009MT
LMC6009MTX
Tape and Reel
DS012533-1
May 1999
© 1999 National Semiconductor Corporation
DS012533
www.national.com


Similar Part No. - LMC6009

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6001 NSC-LMC6001 Datasheet
305Kb / 14P
Ultra Ultra-Low Input Current Amplifier
logo
Texas Instruments
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
Ultra, Ultra-Low Input Current Amplifier
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
Ultra, Ultra-Low Input Current Amplifier
LMC6001 TI2-LMC6001 Datasheet
680Kb / 26P
LMC6001 Ultra, Ultra-Low Input Current Amplifier
REVISED SEPTEMBER 2015
LMC6001-MIL TI1-LMC6001-MIL Datasheet
527Kb / 18P
Ultra, Ultra-Low Input Current Amplifier
More results

Similar Description - LMC6009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT7203 ETC-AAT7203 Datasheet
293Kb / 9P
41-CHANNEL BUFFER FOR TFT LCD
logo
Advanced Analog Technol...
AAT7200 AAT-AAT7200 Datasheet
490Kb / 16P
141-Channel Buffer for TFT LCD
V 1.0
AAT7201 AAT-AAT7201 Datasheet
597Kb / 14P
101-Channel Buffer for TFT LCD
V 0.1
AAT7202 AAT-AAT7202 Datasheet
349Kb / 9P
121-Channel Buffer for TFT LCD
V 0.1
AAT7204 AAT-AAT7204 Datasheet
321Kb / 12P
61-CHANNEL BUFFER FOR TFT LCD
V 0.1
AAT7205 AAT-AAT7205 Datasheet
316Kb / 10P
81-CHANNEL BUFFER FOR TFT LCD
V 1.0
logo
STMicroelectronics
TSL1018 STMICROELECTRONICS-TSL1018 Datasheet
267Kb / 15P
18 1 channel buffer for TFT-LCD panels
15-Jul-2008
TSL1020 STMICROELECTRONICS-TSL1020 Datasheet
244Kb / 16P
20 1 channel buffer for TFT-LCD panels
28-Jan-2008
logo
Advanced Analog Technol...
AAT7200 AAT-AAT7200_3 Datasheet
218Kb / 11P
141-Channel Buffer for TFT LCD
V 3.0
AAT7203 AAT-AAT7203 Datasheet
277Kb / 9P
41-CHANNEL BUFFER FOR TFT LCD
V 0.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com