Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6009 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6009
Description  9 Channel Buffer Amplifier for TFT-LCD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6009 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC6009 Datasheet HTML 1Page - National Semiconductor (TI) LMC6009 Datasheet HTML 2Page - National Semiconductor (TI) LMC6009 Datasheet HTML 3Page - National Semiconductor (TI) LMC6009 Datasheet HTML 4Page - National Semiconductor (TI) LMC6009 Datasheet HTML 5Page - National Semiconductor (TI) LMC6009 Datasheet HTML 6Page - National Semiconductor (TI) LMC6009 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
1.0 kV
Input Voltage
GND–0.3V
≤ V+ ≤
V
DD+0.3VDC
Supply Voltage (V
DD)
−0.3 to +6.5 V
DC
Operating Temperature
−20˚C to +75˚C
Storage Temperature Range
−55˚C to +150˚C
Maximum Junction Temperature (T
J)
+150˚C
Maximum Power Dissipation (P
D)
1.09W
Operating Ratings (Note 1)
Supply Voltage
2.7V
≤ V
DD ≤ 5.5V
Frequency
DC-50 kHz
Thermal Resistance (
θ
JA)
Derating
8.70 mW/˚C
3V DC Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, and VDD = 3.0 VDC.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
DD
Supply Voltage
2.7
3.0
3.3
V
V
OS
Offset Voltage
R
S = 10k
20
mV
I
B
Input Bias Current
1500
nA
V
OL
Output Voltage, Low
Amp A8 and A9
I
SINK =13mA
GND +
0.2
V
Amp A1–A7
I
SINK =13mA
GND +
0.6
V
V
OH
Output Voltage, High
Amp A1 and A2
I
SOURCE =13mA
V
DD– 0.2
V
Amp A3–A9
I
SOURCE =13mA
V
DD– 0.6
V
I
SC
Output Short Circuit Current
V
OUT - 1.65V (Note 1)
80
150
mA
I
DD
Supply Current
No Load
3.5
5
mA
∆V
L
Load Regulation
V
IN = 0.3– 3 VDC
I
SOURCE =13mA
−10
mV
I
SINK = 13 mA
+10
mV
V
IH
A/B Switch Logic Voltage, High
Select A
2
V
V
IL
A/B Switch Logic Voltage, Low
Select B
0.8
V
I
IH
A/B Switch Logic Current, High
1.5
µA
I
IL
A/B Switch Logic Current, Low
1µA
A
V
Voltage Gain
0.985
V/V
Note 1: See Test Circuit (
Figure 2 )
5V DC Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, and VDD = 5VDC.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
DD
Supply Voltage
4.5
5
5.5
V
V
OS
Offset Voltage
R
S = 10k
20
mV
I
B
Input Bias Current
1500
nA
V
OL
Output Voltage, Low
Amp A8 and A9
I
SINK =20mA
GND +
0.2
V
Amp A1–A7
I
SINK =20mA
GND +
1.0
V
V
OH
Output Voltage, High
Amp A1 and A2
I
SOURCE =20mA
V
DD– 0.2
V
Amp A3–A9
I
SOURCE =20mA
V
DD– 1.0
V
I
SC
Output Short Circuit Current
V
OUT - 1.65V (Note 1)
120
200
mA
I
DD
Supply Current
No Load
4.5
6
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com