Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6009 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6009
Description  9 Channel Buffer Amplifier for TFT-LCD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6009 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC6009 Datasheet HTML 1Page - National Semiconductor (TI) LMC6009 Datasheet HTML 2Page - National Semiconductor (TI) LMC6009 Datasheet HTML 3Page - National Semiconductor (TI) LMC6009 Datasheet HTML 4Page - National Semiconductor (TI) LMC6009 Datasheet HTML 5Page - National Semiconductor (TI) LMC6009 Datasheet HTML 6Page - National Semiconductor (TI) LMC6009 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AC Electrical Characteristics
(Continued)
Description of Pins; LMC6009
Pin 1
NC
Pin 25
NC
Pin 2
NC
Pin 26
NC
Pin 3
NC
Pin 27
NC
Pin 4
A1 in (A)
Pin 28
NC
Pin 5
A1 in (B)
Pin 29
A/B Switch
Pin 6
A2 in (A)
Pin 30
V
DD (C)
Pin 7
A2 in (B)
Pin 31
GND (C)
Pin 8
A3 in (A)
Pin 32
A9 out
Pin 9
A3 in (B)
Pin 33
A8 out
Pin 10
A4 in (A)
Pin 34
A7 out
Pin 11
A4 in (B)
Pin 35
A6 out
Pin 12
A5 in (A)
Pin 36
A5 out
Pin 13
A5 in (B)
Pin 37
GND (B)
Pin 14
A6 in (A)
Pin 38
V
DD (B)
Pin 15
A6 in (B)
Pin 39
A4 out
Pin 16
A7 in (A)
Pin 40
A3 out
Pin 17
A7 in (B)
Pin 41
A2 out
Pin 18
A8 in (A)
Pin 42
A1 out
Pin 19
A8 in (B)
Pin 43
GND (A)
Pin 20
A9 in (A)
Pin 44
V
DD (A)
Pin 21
A9 in (B)
Pin 45
NC
Pin 22
NC
Pin 46
NC
Pin 23
NC
Pin 47
NC
Pin 24
NC
Pin 48
NC
DS012533-3
FIGURE 2.
DS012533-4
FIGURE 3. A1: 13 mA Source only
A2–A4: 13 mA Sink/Source
DS012533-5
FIGURE 4. 13 mA Sink/Source
DS012533-6
FIGURE 5. A6–A8: 13 mA Sink/Source
A9: 13 mA Sink Only
www.national.com
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com