Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2423P/T Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS2423P/T
Description  4kbit 1-Wire RAM with Counter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2423P/T Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS2423P/T Datasheet HTML 15Page - Dallas Semiconductor DS2423P/T Datasheet HTML 16Page - Dallas Semiconductor DS2423P/T Datasheet HTML 17Page - Dallas Semiconductor DS2423P/T Datasheet HTML 18Page - Dallas Semiconductor DS2423P/T Datasheet HTML 19Page - Dallas Semiconductor DS2423P/T Datasheet HTML 20Page - Dallas Semiconductor DS2423P/T Datasheet HTML 21Page - Dallas Semiconductor DS2423P/T Datasheet HTML 22Page - Dallas Semiconductor DS2423P/T Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DS2423
19 of 25
1-WIRE SIGNALING
The DS2423 requires strict protocols to ensure data integrity. The protocol consists of four types of
signaling on one line: Reset Sequence with Reset Pulse and Presence Pulse, Write 0, Write 1 and Read
Data. The bus master initiates all these signals except Presence Pulse. The DS2423 can communicate at
two different speeds, regular speed and Overdrive speed. If not explicitly set into the Overdrive mode, the
DS2423 will communicate at regular speed. While in Overdrive mode the fast timing applies to all
waveforms.
The initialization sequence required to begin any communication with the DS2423 is shown in Figure 10.
A Reset Pulse followed by a Presence Pulse indicates the DS2423 is ready to send or receive data given
the correct ROM command and memory function command. The bus master transmits (TX) a Reset
Pulse (tRSTL, minimum 480 µs at regular speed, 48 µs at Overdrive speed). The bus master then releases
the line and goes into receive mode (RX). The 1-Wire bus is pulled to a high state via the pullup resistor.
After detecting the rising edge on the data pin, the DS2423 waits (tPDH, 15-60µs at regular speed, 2-6µs at
Overdrive speed) and then transmits the Presence Pulse (tPDL, 60-240µs at regular speed, 8-24µs at
Overdrive speed).
A Reset Pulse of 480µs or longer will exit the Overdrive mode returning the device to regular speed. If
the DS2423 is in Overdrive mode and the Reset Pulse is no longer than 80µs the device will remain in
Overdrive mode.
Read/Write Time Slots
The definitions of write and read time slots are illustrated in Figure 11. All time slots are initiated by the
master driving the data line low. The falling edge of the data line synchronizes the DS2423 to the master
by triggering a delay circuit in the DS2423. During write time slots, the delay circuit determines when the
DS2423 will sample the data line. For a read data time slot, if a “0” is to be transmitted, the delay circuit
determines how long the DS2423 will hold the data line low overriding the 1 generated by the master. If
the data bit is a “1”, the device will leave the read data time slot unchanged.
INITIALIZATION PROCEDURE “RESET AND PRESENCE PULSES” Figure 10
DS2423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com