Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2423P/T Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS2423P/T
Description  4kbit 1-Wire RAM with Counter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2423P/T Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS2423P/T Datasheet HTML 17Page - Dallas Semiconductor DS2423P/T Datasheet HTML 18Page - Dallas Semiconductor DS2423P/T Datasheet HTML 19Page - Dallas Semiconductor DS2423P/T Datasheet HTML 20Page - Dallas Semiconductor DS2423P/T Datasheet HTML 21Page - Dallas Semiconductor DS2423P/T Datasheet HTML 22Page - Dallas Semiconductor DS2423P/T Datasheet HTML 23Page - Dallas Semiconductor DS2423P/T Datasheet HTML 24Page - Dallas Semiconductor DS2423P/T Datasheet HTML 25Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
DS2423
24 of 25
AC CHARACTERISTICS REGULAR SPEED
(VPUP = 2.8V to 6.0V; VBAT = 2.8 to 5.5V;-40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Time Slot
tSLOT
60
120
µs
Write 1 Low Time
tLOW1
115
µs
15
Write 0 Low Time
tLOW0
60
120
µs
Read Low Time
tLOWR
115
µs
15
Read Data Valid
tRDV
15
µs
14, 16
Release Time
tRELEASE
015
45
µs
Read Data Setup
tSU
1µs
5
Recovery Time
tREC
1µs
Reset Time High
tRSTH
480
µs
4
Reset Time Low
tRSTL
480
960
µs
7
Presence Detect High
tPDH
15
60
µs
Presence Detect Low
tPDL
60
240
µs
AC CHARACTERISTICS OVERDRIVE SPEED
(VPUP = 2.8V to 6.0V; VBAT = 2.8 to 5.5V;-40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Time Slot
tSLOT
616
µs
Write 1 Low Time
tLOW1
12
µs
15
Write 0 Low Time
tLOW0
616
µs
Read Low Time
tLOWR
12
µs
15
Read Data Valid
tRDV
2
µs
14, 16
Release Time
tRELEASE
0
1.5
4
µs
Read Data Setup
tSU
1µs
5
Recovery Time
tREC
1µs
Reset Time High
tRSTH
48
µs
4
Reset Time Low
tRSTL
48
80
µs
Presence Detect High
tPDH
26
µs
Presence Detect Low
tPDL
824
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com