Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2423P/T Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS2423P/T
Description  4kbit 1-Wire RAM with Counter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2423P/T Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS2423P/T Datasheet HTML 17Page - Dallas Semiconductor DS2423P/T Datasheet HTML 18Page - Dallas Semiconductor DS2423P/T Datasheet HTML 19Page - Dallas Semiconductor DS2423P/T Datasheet HTML 20Page - Dallas Semiconductor DS2423P/T Datasheet HTML 21Page - Dallas Semiconductor DS2423P/T Datasheet HTML 22Page - Dallas Semiconductor DS2423P/T Datasheet HTML 23Page - Dallas Semiconductor DS2423P/T Datasheet HTML 24Page - Dallas Semiconductor DS2423P/T Datasheet HTML 25Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
DS2423
23 of 25
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +7.0V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See J-STD-020A Specifications
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
DC CHARACTERISTICS (VPUP = 2.8V to 6.0V; VBAT = 2.8 to 5.5V;-40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.2
V
1, 8
Logic 0
VIL
-0.3
+0.8
V
1, 9
Output Logic Low @ 4 mA
VOL
0.4
V
1
Output Logic High
VOH
VPUP
6.0
V
1, 2
Input Load Current
IL
5µA
3
Standby Current
IBATS
200
nA
I/O Operate Charge
QBATO
200
nC
12, 16
CAPACITANCE
(tA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
I/O (1-Wire)
CIN/OUT
100
800
pF
6, 16
COUNTER INPUT CHARACTERISTICS
(VPUP = 2.8V to 6.0V; VBAT = 2.8 to 5.5V;-40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Trip Point
VTRIP
½
VBAT
V
Logic 1
VINH
VTRIP
VBAT
+0.3
V
1, 10
Logic 0
VINL
-0.3
VTRIP
V1
Internal Pullup Resistor
RPI
28
M
V
11, 16
Debounce Time
TDEB
170
290
460
µs
13
Pulse Width (Active Low)
TPW
1µs
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com