Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2423P/T Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS2423P/T
Description  4kbit 1-Wire RAM with Counter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2423P/T Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS2423P/T Datasheet HTML 1Page - Dallas Semiconductor DS2423P/T Datasheet HTML 2Page - Dallas Semiconductor DS2423P/T Datasheet HTML 3Page - Dallas Semiconductor DS2423P/T Datasheet HTML 4Page - Dallas Semiconductor DS2423P/T Datasheet HTML 5Page - Dallas Semiconductor DS2423P/T Datasheet HTML 6Page - Dallas Semiconductor DS2423P/T Datasheet HTML 7Page - Dallas Semiconductor DS2423P/T Datasheet HTML 8Page - Dallas Semiconductor DS2423P/T Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DS2423
3 of 25
BLOCK DIAGRAM Figure 1
ADDRESS REGISTERS AND TRANSFER STATUS
Because of the serial data transfer, the DS2423 employs three address registers called TA1, TA2, and E/S
(Figure 6). Registers TA1 and TA2 must be loaded with the target address to which the data will be
written or from which data will be sent to the master upon a Read command. Register E/S acts like a byte
counter and Transfer Status register. It is used to verify data integrity with write commands. Therefore,
the master only has read access to this register. The lower 5 bits of the E/S register indicate the address of
the last byte that has been written to the scratchpad. This address is called Ending Offset. Bit 5 of the E/S
register, called PF or “partial byte flag,” is set if the number of data bits sent by the master is not an
integer multiple of 8. Bit 6 has no function; it always reads 0. Note that the lowest 5 bits of the target
address also determine the address within the scratchpad, where intermediate storage of data will begin.
This address is called byte offset. If the target address (TA1) for a Write command is 03CH for example,
then the scratchpad will store incoming data beginning at the byte offset 1CH and will be full after only 4
bytes. The corresponding ending offset in this example is 1FH. For best economy of speed and efficiency,
the target address for writing should point to the beginning of a new page, i.e., the byte offset will be 0.
Thus the full 32-byte capacity of the scratchpad is available, resulting also in the ending offset of 1FH.
However, it is possible to write one or several contiguous bytes somewhere within a page. The ending
offset together with the Partial Flag support the master checking the data integrity after a Write command.
The highest valued bit of the E/S register, called AA or Authorization Accepted, acts as a flag to indicate
that the data stored in the scratchpad has already been copied to the target memory address. Writing data
to the scratchpad clears this flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com