Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK14CA8-R35 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STK14CA8-R35
Description  128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14CA8-R35 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STK14CA8-R35 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
STK14CA8
December 2004
Document Control #ML0022 rev 1.0
4
AC TEST CONDITIONS
CAPACITANCE
b
(TA = 25°C, f = 1.0MHz)
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS
CIN
Input Capacitance
7
pF
∆V = 0 to 3V
COUT
Output Capacitance
7
pF
∆V = 0 to 3V
Notes
b: These parameters are guaranteed but not tested
3.0V
30 pF
INCLUDING
SCOPE AND
FIXTURE
577 Ohms
789 Ohms
OUTPUT
3.0V
30 pF
INCLUDING
SCOPE AND
FIXTURE
577 Ohms
789 Ohms
OUTPUT
Figure 3. AC Output Loading,
for tristate specs (
tHZ, tLZ, tWLQZ, tWHQZ,
tGLQX, tGHQZ )
Figure 2. AC Output Loading
Input Pulse Levels
Input Rise and Fall Times
Input and Output Timing Reference Levels
Output Load
0V to 3V
≤ 5ns
1.5V
See Figure 2 and Figure 3
5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com