Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK14CA8-R35 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STK14CA8-R35
Description  128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14CA8-R35 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STK14CA8-R35 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
STK14CA8
December 2004
Document Control #ML0022 rev 1.0
6
SRAM WRITE CYCLES #1 & #2
Notes
g: If W
is low when E goes low, the outputs remain in the high-impedance state.
h: E
or W
must be ≥ VIH during address transitions.
SRAM WRITE CYCLE #1:
W Controlledh,f
SRAM WRITE CYCLE #2:
E Controlledh,f
SYMBOLS
STK14CA8-25
STK14CA8-35
STK14CA8-45
UNITS
NO.
#1
#2
Alt.
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
25
35
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
20
25
30
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
20
25
30
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
10
12
15
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
20
25
30
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
0
0
ns
20
tWLQZe,g
tWZ
Write Enable to Output Disable
10
13
15
ns
21
tWHQX
tOW
Output Active after End of Write
3
3
3
ns
ADDRESS
DATA OUT
DATA IN
W
E
ADDRESS
HIGH IMPEDANCE
DATA VALID
PREVIOUS DATA
14
tELWH
19
tWHAX
17
tAVWH
18
tAVWL
13
tWLWH
15
tDVWH
16
tWHDX
20
tWLQZ
21
tWHQX
12
tAVAV
DATA OUT
DATA IN
W
E
HIGH IMPEDANCE
DATA VALID
12
tAVAV
14
tELEH
18
tAVEL
19
tEHAX
17
tAVEH
13
tWLEH
15
tDVEH
16
tEHDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com