Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK14CA8-R35 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # STK14CA8-R35
Description  128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14CA8-R35 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button STK14CA8-R35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
STK14CA8
December 2004
Document Control #ML0022 rev 1.0
8
AutoStore™ /POWER-UP RECALL
SYMBOLS
PARAMETER
STK14CA8
NO.
Standard
Alternate
MIN
MAX
UNITS
NOTES
22
tHRECALL
Power-up RECALL Duration
20
ms
l
23
tSTORE
tHLHZ
STORE Cycle Duration
12.5
ms
m
24
VSWITCH
Low Voltage Trigger Level
2.55
2.65
V
25
tVCCRISE
VCC Rise Time
150
µs
Notes
l: tHRECALL starts from the time VCC rises above VSWITCH
m: If an SRAM WRITE has not taken place since the last nonvolatile cycle, no STORE will take place
AutoStore™/POWER-UP RECALL
Note: Read and Write cycles will be ignored during STORE, RECALL and while VCC is below VSWITCH.
POWER-UP RECALL
VCC
23
tSTORE
22
tHRECALL
24
VSWITCH
AutoStore
TM
POWER DOWN
AutoStore
TM
BROWN OUT
AutoStore
TM
POWER-UP
RECALL
Read & Write Inhibited
25
tVCCRISE
23
tSTORE
22
tHRECALL
POWER-UP
RECALL
STORE
occurs only if a
SRAM write has
happened.
No STORE occurs
without at least one
SRAM write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com