Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK14CA8-R35 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # STK14CA8-R35
Description  128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14CA8-R35 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STK14CA8-R35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 12Page - List of Unclassifed Manufacturers STK14CA8-R35 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STK14CA8
December 2004
Document Control #ML0022 rev 1.0
9
SOFTWARE-CONTROLLED STORE/RECALL CYCLE
n,o
SYMBOLS
STK14CA8-25
STK14CA8-35
STK14CA8-45
NO.
E
cont
G
cont
Alt.
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
NOTES
26
tAVAV
tAVAV
tRC
STORE/RECALL
Initiation Cycle Time
25
35
45
ns
o
27
tAVEL
tAVGL
tAS
Address Set-up Time
0
0
0
ns
28
tELEH
tGLGH
tCW
Clock Pulse Width
20
25
30
ns
29
tELAX
tGLAX
Address Hold Time
20
20
20
ns
30
tRECALL
tRECALL
RECALL
Duration
40
40
40
µs
Notes
n: The software sequence is clocked with E
controlled READs or G controlled READs.
o: The six consecutive addresses must be read in the order listed in the Mode Selection Table.
W
must be high during all six consecutive cycles.
SOFTWARE STORE/RECALL CYCLE:
E Controlledo
SOFTWARE STORE/RECALL CYCLE:
G Controlledo
DQ (DATA)
G
E
26
tAVAV
DATA VALID
ADDRESS
ADDRESS #1
HIGH IMPEDENCE
27
tAVEL
29
tELAX
28
tELEH
30
tRECALL
26
tAVAV
ADDRESS #6
23
tSTORE
DATA VALID
/
ADDRESS
E
G
DQ (DATA)
26
tAVAV
DATA VALID
ADDRESS #1
HIGH IMPEDENCE
29
tGLAX
30
tRECALL
26
tAVAV
ADDRESS #6
23
tSTORE
27
tAVGL
28
tGLGH
DATA VALID
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com