Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2136SPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR2136SPBF
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136SPBF Datasheet(HTML) 2 Page - International Rectifier

  IR2136SPBF Datasheet HTML 1Page - International Rectifier IR2136SPBF Datasheet HTML 2Page - International Rectifier IR2136SPBF Datasheet HTML 3Page - International Rectifier IR2136SPBF Datasheet HTML 4Page - International Rectifier IR2136SPBF Datasheet HTML 5Page - International Rectifier IR2136SPBF Datasheet HTML 6Page - International Rectifier IR2136SPBF Datasheet HTML 7Page - International Rectifier IR2136SPBF Datasheet HTML 8Page - International Rectifier IR2136SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
IR2136(2)(3)(5)(6)(7)(8)(J&S)&(PbF)
2
www.irf.com
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recom-
mended conditions. All voltage parameters are absolute referenced to COM. The VS offset rating is tested with all supplies
biased at 15V differential.
VB1,2,3
High side floating supply voltage
IR2136(8)
VS1,2,3 +10
VS1,2,3 +20
IR21362
VS1,2,3 +11.5 VS1,2,3 +20
IR2136(3)(5)(6)(7)
VS1,2,3 +12
VS1,2,3 +20
VS1,2,3
High side floating supply offset voltage
Note 1
600
VHO1,2,3
High side output voltage
VS1,2,3
VB1,2,3
VLO1,2,3
Low side output voltage
0
VCC
VCC
Low side and logic fixed supply voltage
IR2136(8)
10
20
IR21362
11.5
20
IR2136(3)(5)(6)(7)
12
20
VSS
Logic ground
-5
5
VFLT
FAULT output voltage
VSS
VCC
VRCIN
RCIN input voltage
VSS
VCC
Symbol
Definition
Min.
Max.
Units
V
Note 1: Logic operational for VS of COM -5V to COM +600V. Logic state held for VS of COM -5V to COM -VBS.
(Please refer to the Design Tip DT97-3 for more details).
Note 2: All input pins and the ITRIP pin are internally clamped with a 5.2V zener diode.
Symbol
Definition
Min.
Max.
Units
VS
High side offset voltage
VB1,2,3 - 25
VB1,2,3 + 0.3
VBS
High side floating supply voltage
-0.3
625
VHO
High side floating output voltage
VS1,2,3 - 0.3
VB1,2,3 + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
VSS
Logic ground
VCC - 25
VCC + 0.3
VLO1,2,3
Low side output voltage
-0.3
VCC + 0.3
VIN
Input voltage LIN,HIN,ITRIP, EN, RCIN
VSS - 0.3
lower of
(VSS + 15) or
VCC + 0.3)
VFLT
FAULT output voltage
VSS - 0.3
VCC + 0.3
dV/dt
Allowable offset voltage slew rate
—
50
V/ns
PD
Package power dissipation @ TA ≤ +25°C
(28 lead PDIP)
—
1.5
(28 lead SOIC)
—
1.6
( 44leadPLCC)
—
2.0
RthJA
Thermal resistance, junction to ambient
(28 lead PDIP)
—
83
(28 lead SOIC)
—
78
(44 lead PLCC)
—
63
TJ
Junction temperature
—
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
V
°C/W
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured under board
mounted and still air conditions.
W
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com