Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2136SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR2136SPBF
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136SPBF Datasheet(HTML) 1 Page - International Rectifier

  IR2136SPBF Datasheet HTML 1Page - International Rectifier IR2136SPBF Datasheet HTML 2Page - International Rectifier IR2136SPBF Datasheet HTML 3Page - International Rectifier IR2136SPBF Datasheet HTML 4Page - International Rectifier IR2136SPBF Datasheet HTML 5Page - International Rectifier IR2136SPBF Datasheet HTML 6Page - International Rectifier IR2136SPBF Datasheet HTML 7Page - International Rectifier IR2136SPBF Datasheet HTML 8Page - International Rectifier IR2136SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Typical Connection
3-PHASE BRIDGE DRIVER
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage - dV/dt immune
• Gate drive supply range from 10 to 20V (IR2136/IR21368),
11.5 to 20V (IR21362) or 12 to 20V (IR21363/IR21365/
IR21366/IR21367)
• Undervoltage lockout for all channels
• Over-current shutdown turns off all six drivers
• Independent 3 half-bridge drivers
• Matched propagation delay for all channels
• Cross-conduction prevention logic
• Lowside outputs out of phase with inputs. High side
outputs out of phase (IR2136/IR21363/IR21365/
IR21366/IR21367/IR21368) or in phase
(IR21362) with inputs.
• 3.3V logic compatible
• Lower di/dt gate driver for
better noise immunity
• Externally programmable
delay for automatic fault
clear
• Also available LEAD-FREE
Data Sheet No. PD60166 revS
IR2136/IR21362/IR21363/IR21365/
IR21366/IR21367/IR21368 (J&S) & (PbF)
www.irf.com
1
(Refer to Lead Assign-
ments for correct pin con-
figuration). This/These
diagram(s) show electri-
cal connections only.
Please refer to our Appli-
cation
Notes
and
DesignTips for proper cir-
cuit board layout.
Packages
28-Lead PDIP
28-Lead SOIC
44-Lead PLCC w/o 12 leads
Description
The IR2136/IR21362/IR21363/IR21365/IR21366/IR21367/IR21368(J&S) are high votage, high speed power MOSFET
and IGBT drivers with three independent high and low side referenced output channels for 3-phase applications.
Proprietary HVIC technology enables ruggedized monolithic construction. Logic inputs are compatible with CMOS
or LSTTL outputs, down to 3.3V logic. A current trip function which terminates all six outputs can be derived from
an external current sense resistor. An enable function is available to terminate all six outputs simultaneously. An
open-drain FAULT signal is provided to indicate that an overcurrent or undervoltage shutdown has occurred.
Overcurrent fault conditions are cleared automatically after a delay programmed externally via an RC network
connected to the RCIN input. The output drivers feature a high pulse current buffer stage designed for minimum
driver cross-conduction. Propagation delays are matched to simplify use in high frequency applications. The
floating channel can be used to drive N-channel power MOSFETs or IGBTs in the high side configuration which
operates up to 600 volts.
VCC
HIN1,2,3 / HIN1,2,3
LIN1,2,3
FAULT
ITRIP
RCIN
EN
VSS
COM
LO1,2,3
VS1,2,3
HO1,2,3
VB1,2,3
IR2136(2)(3)(5)(6)(7)(8)
TO
LOAD
VCC
HIN1,2,3 / HIN1,2,3
LIN1,2,3
FAULT
EN
GND
up to 600V
Part
Input Logic
Ton (typ.)
Toff (typ.)
VIH (typ.)
VIL (typ.)
Vitrip+
UV CC/BS+
UV CC/BS-
IR2136
HIN, LIN
400ns
380ns
2.7V
1.7V
0.46V
8.9V
8.2V
IR21362
HIN/LIN
400ns
380ns
2.7V
1.7V
0.46V
10.4V
9.4V
IR21363
HIN, LIN
400ns
380ns
2.7V
1.7V
0.46V
11.2V
11.0V
IR21365
HIN, LIN
400ns
380ns
2.7V
1.7V
4.3V
11.2V
11.0V
IR21366
HIN, LIN
250ns
180ns
2.0V
1.3V
0.46V
11.2V
11.0V
IR21367
HIN, LIN
250ns
180ns
2.0V
1.3V
4.3V
11.2V
11.0V
IR21368
HIN,LIN
400ns
380ns
2.0V
1.3V
4.3V
8.9V
8.2V
Feature Comparison:
IR2136/IR21362/IR21363/
IR21365/IR21366/IR21367/IR21368


Similar Part No. - IR2136SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2136STRPBF IRF-IR2136STRPBF Datasheet
902Kb / 36P
3-PHASE BRIDGE DRIVER
More results

Similar Description - IR2136SPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
3-PHASE BRIDGE DRIVER
logo
International Rectifier
IRS2136D IRF-IRS2136D Datasheet
604Kb / 23P
3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
3-PHASE BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com