Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2136SPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR2136SPBF
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136SPBF Datasheet(HTML) 3 Page - International Rectifier

  IR2136SPBF Datasheet HTML 1Page - International Rectifier IR2136SPBF Datasheet HTML 2Page - International Rectifier IR2136SPBF Datasheet HTML 3Page - International Rectifier IR2136SPBF Datasheet HTML 4Page - International Rectifier IR2136SPBF Datasheet HTML 5Page - International Rectifier IR2136SPBF Datasheet HTML 6Page - International Rectifier IR2136SPBF Datasheet HTML 7Page - International Rectifier IR2136SPBF Datasheet HTML 8Page - International Rectifier IR2136SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
www.irf.com
3
IR2136(2)(3)(5)(6)(7)(8)(J&S) &(PbF)
Note 2: All input pins and the ITRIP pin are internally clamped with a 5.2V zener diode.
Recommended Operating Conditions cont.
The Input/Output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recom-
mended conditions. All voltage parameters are absolute referenced to COM. The VS offset rating is tested with all supplies
biased at 15V differential.
Symbol
Definition
Min.
Max.
Units
V
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V unless otherwise specified. The VIN, VTH and IIN parameters are referenced to VSS and
are applicable to all six channels (HS1,2,3 and LS1,2,3). The VO and IO parameters are referenced to COM and VS1,2,3
and are applicable to the respective output leads: HO1,2,3 and LO1,2,3.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IR2136(3)(5)
3.0
—
—
Logic “1” input voltage HIN1,2,3
IR21362
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IR21366(7)(8)
2.5
—
—
VIL
Logic “1” input voltage LIN1,2,3, HIN1,2,3
IR2136(3)(5)
—
—
0.8
Logic “0” input voltage HIN1,2,3
IR21362
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IR21366(7)(8)
—
—
0.8
VEN,TH+
EN positive going threshold
—
—
3
VEN,TH-
EN negative going threshold
0.8
—
—
VIT,TH+
ITRIP positive going threshold
IR2136(2)(3)(6)
0.37
0.46
0.55
IR21365(7)(8)
3.85
4.30
4.75
VIT,HYS
ITRIP input hysteresis
IR2136(2)(3)(6)
—
0.07
—
IR21365(7)(8)
—
.15
—
VRCIN,TH+
RCIN positive going threshold
—
8
—
VRCIN,HYS
RCIN input hysteresis
—
3
—
VOH
High level output voltage, VBIAS - VO
—
0.9
1.4
IO = 20 mA
VOL
Low level output voltage, VO
—
0.4
0.6
IO = 20 mA
VCCUV+
VCC and VBS supply undervoltage
IR2136(8)
8.0
8.9
9.8
VBSUV+
positive going threshold
IR21362
9.6
10.4
11.2
IR21363(5)(6)(7)
10.6
11.1
11.6
V
VITRIP
ITRIP input voltage
VSS
VSS +5
VIN
Logic input voltage LIN , HIN (IR2136,IR21363(5)(6)(7)(8)),
HIN(IR21362), EN
VSS
VSS +5
TA
Ambient temperature
-40
125
o
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com