Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2136SPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR2136SPBF
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136SPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2136SPBF Datasheet HTML 5Page - International Rectifier IR2136SPBF Datasheet HTML 6Page - International Rectifier IR2136SPBF Datasheet HTML 7Page - International Rectifier IR2136SPBF Datasheet HTML 8Page - International Rectifier IR2136SPBF Datasheet HTML 9Page - International Rectifier IR2136SPBF Datasheet HTML 10Page - International Rectifier IR2136SPBF Datasheet HTML 11Page - International Rectifier IR2136SPBF Datasheet HTML 12Page - International Rectifier IR2136SPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
www.irf.com
9
IR2136(2)(3)(5)(6)(7)(8)(J&S) &(PbF)
Lead Definitions
Symbol Description
VCC
Low side and logic fixed supply
VSS
Logic Ground
HIN1,2,3
Logic inputs for high side gate driver outputs (HO1,2,3), out of phase (IR2136/IR21363(5)(6)(7)(8)
HIN1,2,3
Logic inputs for high side gate driver outputs (HO1,2,3), in phase (IR21362)
LIN1,2,3
Logic inputs for low side gate driver outputs (LO1,2,3), out of phase
FAULT
Indicates over-current (ITRIP) or low-side undervoltage lockout has occured. Negative logic,
open-drain output
EN
Logic input to enable I/O functionality. Positive logic, i.e. I/O logic functions when ENABLE is
high. No effect on FAULT and not latched
ITRIP
Analog input for overcurrent shutdown. When active, ITRIP shuts down outputs and activates
FAULT and RCIN low. When ITRIP becomes inactive, FAULT stays active low for an externally
set time TFLTCLR, then automatically becomes inactive (open-drain high impedance).
RCIN
External RC network input used to define FAULT CLEAR delay, TFLTCLR, approximately equal
to R*C. When RCIN>8V, the FAULT pin goes back into open-drain high-impedance
COM
Low side gate driver return
VB1,2,3
High side floating supply
HO1,2,3
High side gate driver outputs
VS1,2,3
High voltage floating supply returns
LO1,2,3
Low side gate driver output
Note: All input pins and the ITRIP pin are internally clamped with a 5.2V zener diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com