Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4271 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4271
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4271 Datasheet HTML 11Page - Infineon Technologies AG TLE4271 Datasheet HTML 12Page - Infineon Technologies AG TLE4271 Datasheet HTML 13Page - Infineon Technologies AG TLE4271 Datasheet HTML 14Page - Infineon Technologies AG TLE4271 Datasheet HTML 15Page - Infineon Technologies AG TLE4271 Datasheet HTML 16Page - Infineon Technologies AG TLE4271 Datasheet HTML 17Page - Infineon Technologies AG TLE4271 Datasheet HTML 18Page - Infineon Technologies AG TLE4271 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
TLE 4271-2
Data Sheet Rev. 2.4
15
2001-04-04
Output Current Limit
I
Q versus
Temperature
T
j
Current Consumption
I
q
versus Output Current
I
Q
Output Current
I
Q versus
Input Voltage
V
I
Current Consumption
I
q
versus Output Current
I
Q
AED01930
-40
040
80
120 ˚C 160
0
j
T
200
400
600
800
1000
mA
1200
Q max
I
0
0
AED03076
Ι
q
mA
= 13.5 V
mA
Ι
V
20
40
60
80
120
Q
Ι
1
2
3
4
5
6
AED01931
0
10
20
30
40 V50
0
0.4
0.8
1.2
A
1.0
0.6
0.2
I
V
IQ
= 125 ˚C
Tj
25 ˚C
0
0
AED03077
Ι
q
mA
= 13.5 V
mA
Ι
V
100
200
300
400
600
Q
Ι
10
20
30
40
50
60
70
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com