Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4271 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4271
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4271 Datasheet HTML 13Page - Infineon Technologies AG TLE4271 Datasheet HTML 14Page - Infineon Technologies AG TLE4271 Datasheet HTML 15Page - Infineon Technologies AG TLE4271 Datasheet HTML 16Page - Infineon Technologies AG TLE4271 Datasheet HTML 17Page - Infineon Technologies AG TLE4271 Datasheet HTML 18Page - Infineon Technologies AG TLE4271 Datasheet HTML 19Page - Infineon Technologies AG TLE4271 Datasheet HTML 20Page - Infineon Technologies AG TLE4271 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
TLE 4271-2
Data Sheet Rev. 2.4
17
2001-04-04
Inhibit Current Consumptions
I
INH
versus Temperature
T
Switching Voltage
V
UD and VLDW
versus Temperature
T
Inhibit Voltages
V
INH
versus Temperature
T
j
-40
0
0
120
80
40
T j
A
14
AED01946
160
Ι
INH
µ
2
4
6
8
10
12
Ι
INH, high
Ι
INH, on
Ι
INH, off
UD
40
-40
0
0
V
V
V
UDW
,
V
V Ι
160
C
80
120
T j
AED01948
= 13.5 V
1.2
0.8
0.4
1.6
2.4
2.0
LDW
V
3
2
1
40
-40
0
0
4
V
6
5
INH
160
C
80
120
AED01947
j
T
V
VINH, on
INH, off
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com