Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4271 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4271
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4271 Datasheet HTML 14Page - Infineon Technologies AG TLE4271 Datasheet HTML 15Page - Infineon Technologies AG TLE4271 Datasheet HTML 16Page - Infineon Technologies AG TLE4271 Datasheet HTML 17Page - Infineon Technologies AG TLE4271 Datasheet HTML 18Page - Infineon Technologies AG TLE4271 Datasheet HTML 19Page - Infineon Technologies AG TLE4271 Datasheet HTML 20Page - Infineon Technologies AG TLE4271 Datasheet HTML 21Page - Infineon Technologies AG TLE4271 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
TLE 4271-2
Data Sheet Rev. 2.4
18
2001-04-04
Charge Current
I
D, IDWC and Discharge
Current
I
DWD versus Temperature Tj
Watchdog Pulse Time
T
w
versus Temperature
T
j
AED01949
-40
0
I
V = 13.5 V
2
4
6
8
10
12
14
16
µA
040
80
120
160
˚C
I
Tj
= 1 V
D
V
D
I , IDWC
IDWD
80
40
-40
0
10
30
20
40
0
50
60
70
80
160
120 C
T j
= 13.5 V
AED01950
Ι
CD
V
= 100 nF
ms
W
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com