Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4271 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4271
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4271 Datasheet HTML 12Page - Infineon Technologies AG TLE4271 Datasheet HTML 13Page - Infineon Technologies AG TLE4271 Datasheet HTML 14Page - Infineon Technologies AG TLE4271 Datasheet HTML 15Page - Infineon Technologies AG TLE4271 Datasheet HTML 16Page - Infineon Technologies AG TLE4271 Datasheet HTML 17Page - Infineon Technologies AG TLE4271 Datasheet HTML 18Page - Infineon Technologies AG TLE4271 Datasheet HTML 19Page - Infineon Technologies AG TLE4271 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
TLE 4271-2
Data Sheet Rev. 2.4
16
2001-04-04
Current Consumption
I
q
versus Input Voltage
V
I
Inhibit Current
I
INH
versus Inhibit Voltage
V
INH
Drop Voltage
V
dr versus
Output Current
I
Q
Output Voltage
V
Q
versus Inhibit Voltage
V
INH
AED01934
0
10
20
30
40 V50
0
40
80
120
mA
100
60
20
I
V
Iq
20
Ω
L
R = 10
Ω
50
Ω
RL =
0
0
1
6
3
2
INH
AED01944
4
V
2
4
6
8
10
12
V Ι = 13.5 V
= 25 C
j
T
INH, high
Ι
Ι
INH, on
Ι
INH, off
5
INH
V
µA
Ι
400
200
300
100
200
0
400
0
800
600
700
500
Dr
V
mV
mA
600
1000
Ι
Q
AED02755
T = 125 C
j
T = 25 C
j
3
3
2
1
0
0
1
2
6
5
4
V
5 V
4
6
V INH
= 25 C
= 13.5 V
Ι
j
V
T
AED01945
Q
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com