Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95010 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95010
Description  Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95010 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM95010 Datasheet HTML 1Page - National Semiconductor (TI) LM95010 Datasheet HTML 2Page - National Semiconductor (TI) LM95010 Datasheet HTML 3Page - National Semiconductor (TI) LM95010 Datasheet HTML 4Page - National Semiconductor (TI) LM95010 Datasheet HTML 5Page - National Semiconductor (TI) LM95010 Datasheet HTML 6Page - National Semiconductor (TI) LM95010 Datasheet HTML 7Page - National Semiconductor (TI) LM95010 Datasheet HTML 8Page - National Semiconductor (TI) LM95010 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SWD and ADD DIGITAL INPUT CHARACTERISTICS
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
C
IN
Digital Input Capacitance
10
pF
SWD DIGITAL OUTPUT CHARACTERISTICS
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
V
OL
Open-drain Output Logic “Low”
Voltage
I
OL =4mA
0.4
V (max)
I
OL =50µA
0.2
V (max)
I
OH
Open-drain Output Off Current
±0.005
±10
µA (max)
C
OUT
Digital Output Capacitance
10
pF
AC Electrical Characteristics
The following specification apply for V+ = +3.0V
DC to +3.6VDC, unless otherwise specified. Boldface limits apply for
T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25 ˚C. The SensorPath Characteristics conform to the SensorPath specifi-
cation. Please refer to that specification for further details.
HARDWARE MONITOR CHARACTERISTICS
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limits)
t
CONV
Total Monitoring Cycle Time (Note 11)
Default
182
163.8
ms (min)
200.2
ms (max)
SensorPath Bus CHARACTERISTICS
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limits)
t
f
SWD fall time (Note 12)
R
pull-up= 1.25 k
Ω
±30%, C
L= 400 pF
300
ns (max)
t
r
SWD rise time (Note 13)
R
pull-up=
1.25 k
Ω±30%,
C
L= 400 pF
1000
ns (max)
t
INACT
Minimum inactive time (bus at high level)
guaranteed by the LM95010 before an
Attention Request
11
µs (min)
t
Mtr0
Master drive for Data Bit 0 write and for
Data Bit 0-1read
11.8
µs (min)
17.0
µs (max)
t
Mtr1
Master drive for Data Bit 1 write
35.4
µs (min)
48.9
µs (max)
t
SFEdet
Time allowed for LM95010 activity
detection
9.6
µs (max)
t
SLout1
LM95010 drive for Data Bit 1 read by
master
28.3
µs (min)
38.3
µs (max)
t
MtrS
Master drive for Start Bit
80
µs (min)
109
µs (max)
t
SLoutA
LM95010 drive for Attention Request
165
µs (min)
228
µs (max)
t
RST
Master or LM95010 drive for Reset
354
µs (min)
t
RST_MAX
Maximum drive of SWD by an LM95010,
after the power supply is raised above 3V
500
ms (max)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com