Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95010 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95010
Description  Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95010 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM95010 Datasheet HTML 1Page - National Semiconductor (TI) LM95010 Datasheet HTML 2Page - National Semiconductor (TI) LM95010 Datasheet HTML 3Page - National Semiconductor (TI) LM95010 Datasheet HTML 4Page - National Semiconductor (TI) LM95010 Datasheet HTML 5Page - National Semiconductor (TI) LM95010 Datasheet HTML 6Page - National Semiconductor (TI) LM95010 Datasheet HTML 7Page - National Semiconductor (TI) LM95010 Datasheet HTML 8Page - National Semiconductor (TI) LM95010 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Connection Diagram
20082002
Ordering Information
Order
Number
Package
Marking
NS
Package
Number
Transport
Media
LM95010CIMM
T19C
MUA08A 1000 units in
tape and reel
LM95010CIMMX
T19C
MUA08A 3500 units in
tape and reel
Pin Description
Pin
Number
Pin Name
Type
Description
Typical Connection
1
V+/3.3V
SB
Power
Positive power supply pin +3.3V pin.
Should be powered by +3.3V Standby power.
This pin should be bypassed with a 0.1 µF
capacitor. A bulk capacitance of approximately
10 µF needs to be in the near vicinity of the
LM95010.
2-4
NC
Must be grounded.
5
GND
Power
Ground
System ground
6
ADD0
Input
Address select input that assigns the serial
bus device number
10k resistor to V+ or GND; must never be left
floating
7
ADD1
Input
Address select input that assigns the serial
bus device number
10k resistor to V+ or GND; must never be left
floating
8
SWD
Input/
Output
Single-wire Data, SensorPath serial
interface line; Open-drain output
Super I/O with 1.25k pull-up to 3.3V
Typical Application
20082003
FIGURE 1. LM95010 connection to SensorPath master such as a Super I/O.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com