Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95010 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95010
Description  Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95010 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM95010 Datasheet HTML 11Page - National Semiconductor (TI) LM95010 Datasheet HTML 12Page - National Semiconductor (TI) LM95010 Datasheet HTML 13Page - National Semiconductor (TI) LM95010 Datasheet HTML 14Page - National Semiconductor (TI) LM95010 Datasheet HTML 15Page - National Semiconductor (TI) LM95010 Datasheet HTML 16Page - National Semiconductor (TI) LM95010 Datasheet HTML 17Page - National Semiconductor (TI) LM95010 Datasheet HTML 18Page - National Semiconductor (TI) LM95010 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
3.0 Applications Information
3.1 MOUNTING CONSIDERATIONS
The LM95010 can be applied easily in the same way as
other integrated-circuit temperature sensors. It can be glued
or cemented to a surface. The temperature that the
LM95010 is reading will typically be within +0.2 ˚C of the
surface temperature to which the LM95010’s leads are at-
tached to.
This presumes that the ambient air temperature is almost the
same as the surface temperature; if the air temperature were
much higher or lower than the surface temperature, the
actual temperature measured would be at an intermediate
temperature between the surface temperature and the air
temperature.
Alternatively, the LM95010 can be mounted inside a sealed-
end metal tube, and can then be dipped into a bath or
screwed into a threaded hole in a tank. As with any IC, the
LM95010 and accompanying wiring and circuits must be
kept insulated and dry, to avoid leakage and corrosion. This
is especially true if the circuit may operate at cold tempera-
tures where condensation can occur. Printed-circuit coatings
and varnishes such as Humiseal and epoxy paints or dips
are often used to ensure that moisture cannot corrode the
LM95010 or its connections.
The thermal resistance junction to ambient (
θ
JA) is the pa-
rameter used to calculate the rise of a device junction tem-
perature due to its power dissipation. For the LM95010 the
equation used to calculate the rise in the die temperature is
as follows: T
J =TA +
θ
JA x [(V
+ xI
Q)+(VOL xIOL)]
where I
Q is the quiescent current (500 µA typ.), VOL is the
logic "Low" output level of SWD, and I
OL is the load current
on SWD. Since the LM95010’s junction temperature is the
actual temperature being measured care should be taken to
minimize the load current that the LM95010 is require to
drive. When mounted to a PCB, with 2 oz. copper foil, the
LM95010’s thermal resistance is typically 210 ˚C/W.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com