Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95010 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95010
Description  Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95010 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM95010 Datasheet HTML 11Page - National Semiconductor (TI) LM95010 Datasheet HTML 12Page - National Semiconductor (TI) LM95010 Datasheet HTML 13Page - National Semiconductor (TI) LM95010 Datasheet HTML 14Page - National Semiconductor (TI) LM95010 Datasheet HTML 15Page - National Semiconductor (TI) LM95010 Datasheet HTML 16Page - National Semiconductor (TI) LM95010 Datasheet HTML 17Page - National Semiconductor (TI) LM95010 Datasheet HTML 18Page - National Semiconductor (TI) LM95010 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
2.0 Register Set (Continued)
2.9.4 Temperature Control (Addr 12o)
This register is set to the reset value by a Device Reset.
Reg
Add
Register
Name
R/
W
P
O
R
Val
Bit
15
MSb
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
LSb
001 010
Temperature
Control
R/
W
Reserved
EN0 ATE
0h
00000000000000
Bit
Type
Description
0R
ATE (Attention Enable). When set, this bit enables an Attention Request signal to generated by the
LM95010, if the EN0 bit is set.
0: Attention Request disabled (from enabled Temperature Sensor- default)
1: Attention Request enabled
1R
EN0 (Enable Sensor). When this bit is set, the Temperature Sensor is enabled for temperature
measurements.
0: Temperature Sensor disabled (default)
1: Temperature Sensor enabled
15-2
R
Reserved. Will allways read "0".
2.10 CONVERSION RATE (Addr 40o)
Reg Add
Register Name
R/
W
P
O
R
Val
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LSb
100 000
Conversion Rate
R/
W
2h
000000
Conversion Rate
LowPwr
Conversion Rate[1:0]
Typical Conversion Rate (ms)
000
14
100
91
001
91
1
01
364
0
10
182 (default)
1
10
728
0
11
364
1
11
1456
The temperature conversion rate is controlled by this register as well as the Low Power Bit of Device Control Register. This
register is not defined by the SensorPath specification. Therefore, it must be accessed during BIOS run time. The conversion rate
is dependent on system physical requirements and limitations. The thermal response time of the MSOP package is one such
requirement.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com