Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7101
Description  Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7101 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC7101 Datasheet HTML 1Page - National Semiconductor (TI) LMC7101 Datasheet HTML 2Page - National Semiconductor (TI) LMC7101 Datasheet HTML 3Page - National Semiconductor (TI) LMC7101 Datasheet HTML 4Page - National Semiconductor (TI) LMC7101 Datasheet HTML 5Page - National Semiconductor (TI) LMC7101 Datasheet HTML 6Page - National Semiconductor (TI) LMC7101 Datasheet HTML 7Page - National Semiconductor (TI) LMC7101 Datasheet HTML 8Page - National Semiconductor (TI) LMC7101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 3V, V− = 0V, V
CM = 1.5V, VO = V
+/2 and R
L = 1MΩ.
Boldface limits apply at the temperature extremes.
Typ
LMC7101AI
LMC7101BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
69
max
TCV
OS
Input Offset Voltage
1
µV/˚C
Average Drift
I
B
Input Current
1.0
64
64
pA max
I
OS
Input Offset Current
0.5
32
32
pA max
R
IN
Input Resistance
>1
Tera
Ω
CMRR
Common-Mode
0V
≤ V
CM ≤ 3V
74
64
60
db
Rejection Ratio
V
+ = 3V
min
V
CM
Input Common-Mode
0.0
0.0
0.0
V
Voltage Range
For CMRR
≥ 50 dB
min
3.3
3.0
3.0
V
max
PSRR
Power Supply
V
+ = 1.5V to 7.5V
dB
Rejection Ratio
V
− = −1.5V to −7.5V
80
68
60
min
V
O = VCM = 0
C
IN
Common-Mode Input
3
pF
Capacitance
V
O
Output Swing
R
L = 2kΩ
2.8
2.6
2.6
V min
0.2
0.4
0.4
V max
R
L = 600Ω
2.7
2.5
2.5
V min
0.37
0.6
0.6
V max
I
S
Supply Current
0.5
0.81
0.81
mA
0.95
0.95
max
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com