Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7101
Description  Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7101 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMC7101 Datasheet HTML 2Page - National Semiconductor (TI) LMC7101 Datasheet HTML 3Page - National Semiconductor (TI) LMC7101 Datasheet HTML 4Page - National Semiconductor (TI) LMC7101 Datasheet HTML 5Page - National Semiconductor (TI) LMC7101 Datasheet HTML 6Page - National Semiconductor (TI) LMC7101 Datasheet HTML 7Page - National Semiconductor (TI) LMC7101 Datasheet HTML 8Page - National Semiconductor (TI) LMC7101 Datasheet HTML 9Page - National Semiconductor (TI) LMC7101 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
15V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 15V, V− = 0V, V
CM = 1.5V, VO = V
+/2 and R
L = 1MΩ.
Boldface limits apply at the temperature extremes.
Typ
LMC7101AI
LMC7101BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
SR
Slew Rate
V
+ = 15V
1.1
0.5
0.5
V/µs
(Note 8)
0.4
0.4
min
GBW
Gain-Bandwidth Product
V
+ = 15V
1.1
MHz
φ
m
Phase Margin
45
Deg
G
m
Gain Margin
10
dB
e
n
Input-Referred
F = 1 kHz
37
Voltage Noise
V
CM = 1V
i
n
Input-Referred
F = 1 kHz
1.5
Current Noise
T.H.D.
Total Harmonic Distortion
F = 10 kHz, A
V = −2
0.01
%
R
L = 10 kΩ,VO = 8.5 VPP
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short operation at elevated ambient temperature can result in exceeding the maximum
allowed junction temperature at 150˚C.
Note 4: The maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(max)
−TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: V+ = 15V, VCM = 1.5V and RL connect to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 12.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Note 8: V+ = 15V. Connected as a Voltage Follower with a 10V step input. Number specified is the slower of the positive and negative slew rates. RL = 100 kΩ con-
nected to 7.5V. Amp excited with 1 kHz to produce VO = 10 VPP.
Note 9: Do not short circuit output to V+ when V+ is greater than 12V or reliability will be adversely affected.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com