Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7101
Description  Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7101 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC7101 Datasheet HTML 1Page - National Semiconductor (TI) LMC7101 Datasheet HTML 2Page - National Semiconductor (TI) LMC7101 Datasheet HTML 3Page - National Semiconductor (TI) LMC7101 Datasheet HTML 4Page - National Semiconductor (TI) LMC7101 Datasheet HTML 5Page - National Semiconductor (TI) LMC7101 Datasheet HTML 6Page - National Semiconductor (TI) LMC7101 Datasheet HTML 7Page - National Semiconductor (TI) LMC7101 Datasheet HTML 8Page - National Semiconductor (TI) LMC7101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
2000V
Difference Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V
+) + 0.3V, (V−) − 0.3V
Supply Voltage (V
+ −V−)
16V
Current at Input Pin
±5mA
Current at Output Pin (Note 3)
±35 mA
Current at Power Supply Pin
35 mA
Lead Temp. (Soldering, 10 sec.)
260˚C
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
150˚C
Recommended Operating
Conditions (Note 1)
Supply Voltage
2.7V
≤ V+ ≤ 15.5V
Junction Temperature Range
LMC7101AI, LMC7101BI
−40˚C
≤ T
J ≤ +85˚C
Thermal Resistance (
θ
JA)
M05A Package, 5-Pin Surface Mt.
325˚C/W
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes.
Typ
LMC7101AI
LMC7101BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
V
+ = 2.7V
0.11
6
9
mV
max
TCV
OS
Input Offset Voltage
1
µV/˚C
Average Drift
I
B
Input Bias Current
1.0
64
64
pA max
I
OS
Input Offset Current
0.5
32
32
pA max
R
IN
Input Resistance
>1
Tera
Ω
CMRR
Common-Mode
0V
≤ V
CM ≤ 2.7V
70
55
50
dB
Rejection Ratio
V
+ = 2.7V
min
V
CM
Input Common-Mode
V
+ = V
0.0
0.0
0.0
V
Voltage Range
For CMRR
≥ 50 dB
min
3.0
2.7
2.7
V
max
PSRR
Power Supply
V
+ = 1.35V to 1.65V
dB
Rejection Ratio
V
− = −1.35V to −1.65V
60
50
45
min
V
CM = 0
C
IN
Common-Mode Input
3
pF
Capacitance
V
O
Output Swing
R
L = 2kΩ
2.45
2.15
2.15
V min
0.25
0.5
0.5
V max
R
L = 10 kΩ
2.68
2.64
2.64
V min
0.025
0.06
0.06
V max
I
S
Supply Current
0.5
0.81
0.81
mA
0.95
0.95
max
SR
Slew Rate
(Note 8)
0.7
V/µs
GBW
Gain-Bandwidth Product
0.6
MHz
3V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 3V, V− = 0V, V
CM = 1.5V, VO = V
+/2 and R
L = 1MΩ.
Boldface limits apply at the temperature extremes.
Typ
LMC7101AI
LMC7101BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
0.11
4
7
mV
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com