Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7101
Description  Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7101 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC7101 Datasheet HTML 1Page - National Semiconductor (TI) LMC7101 Datasheet HTML 2Page - National Semiconductor (TI) LMC7101 Datasheet HTML 3Page - National Semiconductor (TI) LMC7101 Datasheet HTML 4Page - National Semiconductor (TI) LMC7101 Datasheet HTML 5Page - National Semiconductor (TI) LMC7101 Datasheet HTML 6Page - National Semiconductor (TI) LMC7101 Datasheet HTML 7Page - National Semiconductor (TI) LMC7101 Datasheet HTML 8Page - National Semiconductor (TI) LMC7101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = 1.5V, VO = V
+/2 and R
L = 1MΩ.
Boldface limits apply at the temperature extremes.
Typ
LMC7101AI
LMC7101BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
V
+ = 5V
0.11
3
7
mV
59
max
TCV
OS
Input Offset Voltage
1.0
µV/˚C
Average Drift
I
B
Input Current
1
64
64
pA max
I
OS
Input Offset Current
0.5
32
32
pA max
R
IN
Input Resistance
>1
Tera
Ω
CMRR
Common-Mode
0V
≤ V
CM ≤ 5V
82
65
60
db
Rejection Ratio
60
55
min
+PSRR
Positive Power Supply
V
+ = 5V to 15V
82
70
65
dB
Rejection Ratio
V
− = 0V, V
O = 1.5V
65
62
min
−PSRR
Negative Power Supply
V
− = −5V to −15V
82
70
65
dB
Rejection Ratio
V
+ = 0V, V
O = −1.5V
65
62
min
V
CM
Input Common-Mode
For CMRR
≥ 50 dB
−0.3
−0.20
−0.20
V
Voltage Range
0.00
0.00
min
5.3
5.20
5.20
V
5.00
5.00
max
C
IN
Common-Mode
3
pF
Input Capacitance
V
O
Output Swing
R
L = 2kΩ
4.9
4.7
4.7
V
4.6
4.6
min
0.1
0.18
0.18
V
0.24
0.24
max
R
L = 600Ω
4.7
4.5
4.5
V
4.24
4.24
min
0.3
0.5
0.5
V
0.65
0.65
max
I
SC
Output Short Circuit
Sourcing, V
O = 0V
24
16
16
mA
Current
11
11
min
Sinking, V
O = 5V
19
11
11
mA
7.5
7.5
min
I
S
Supply Current
0.5
0.85
0.85
mA
1.0
1.0
max
5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = 1.5V, VO = V
+/2 and R
L = 1MΩ.
Boldface limits apply at the temperature extremes.
Typ
LMC7101AI
LMC7101BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
T.H.D.
Total Harmonic
F = 10 kHz, A
V = −2
0.01
%
Distortion
R
L = 10 kΩ,VO = 4.0 VPP
SR
Slew Rate
1.0
V/µs
GBW
Gain__Bandwidth Product
1.0
MHz
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com