Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPT-RJK-01 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # SFPT-RJK-01
Description  1000BASE-T Copper SFP Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPT-RJK-01 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  SFPT-RJK-01 Datasheet HTML 1Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 2Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 3Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 4Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 5Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 6Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT DATASHEET
1000BASE-T Copper SFP Transceiver
PART NUMBER
DFTO
DATE
REVISION
SHEET NO
SFPT-RJK-01
VICTOR
11/7/2014
0
1
OF
7
http://www.pulseelectronics.com/
PART NUMBER: SFPT-RJK-01
PRODUCT FEATURES
Up to 1.25 Gb/s bi-directional data links
Hot-pluggable SFP footprint
Low power dissipation(1.05W typical)
Compact RJ-45 connector assembly
Fully metal enclosure, for lower EMI
RoHS compliant and lead-free
Single +3.3V power supply
1.25 Gigabit Ethernet over Cat 5 cable
Case operating temperature: 0°C to +70°C
PRODUCT DESCRIPTION
1000BASE-T Copper Small Form Pluggable (SFP) transceivers are based on the SFP Multi Source
Agreement (MSA). They are compatible with the Gigabit Ethernet and 1000BASE-T standards as
specified in IEEE 802.3. The 1000BASE-T physical layer IC (PHY) can be accessed via I2C, allowing
access to all PHY settings and features.
This transceiver uses the RX_LOS pin for link indication, and 1000BASE-X auto-negotiation should be
disabled on the host system.


Similar Part No. - SFPT-RJK-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPT-RJK-01 PULSE-SFPT-RJK-01 Datasheet
446Kb / 2P
Connector Platform
More results

Similar Description - SFPT-RJK-01

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCMJ-8520-3 FINISAR-FCMJ-8520-3 Datasheet
200Kb / 7P
1000BASE-T Copper SFP Transceiver
FCLF-8520-3 FINISAR-FCLF-8520-3 Datasheet
134Kb / 7P
1000BASE-T Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
SFP Copper Transceiver 1000Base-T GBIC
logo
Finisar Corporation.
FCLF8520P2BTL FINISAR-FCLF8520P2BTL Datasheet
99Kb / 7P
1000BASE-T RoHS Compliant Copper SFP Transceiver
FCLF852P2BTL FINISAR-FCLF852P2BTL Datasheet
141Kb / 7P
1000BASE-T RoHS Compliant Copper SFP Transceiver
logo
OPLINK Communications I...
TRPRG1VA1C000E2G OPLINK-TRPRG1VA1C000E2G Datasheet
271Kb / 6P
1000BASE-T and 10/100/1000BASE-T Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-06 BEL-SFP-1GBT-06_17 Datasheet
498Kb / 3P
SFP Copper Transceiver 1000Base-T to GBIC
logo
Finisar Corporation.
FCLF-8520 FINISAR-FCLF-8520 Datasheet
148Kb / 7P
1000BASE-T COPPER SFP Optical Transceiver
FCLF8522P2BTL_VO1 FINISAR-FCLF8522P2BTL_VO1 Datasheet
148Kb / 7P
1000BASE-T RoHS Compliant Copper SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com