Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPT-RJK-01 Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # SFPT-RJK-01
Description  1000BASE-T Copper SFP Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPT-RJK-01 Datasheet(HTML) 6 Page - Pulse A Technitrol Company

  SFPT-RJK-01 Datasheet HTML 1Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 2Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 3Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 4Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 5Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 6Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PRODUCT DATASHEET
1000BASE-T Copper SFP Transceiver
PART NUMBER
DFTO
DATE
REVISION
SHEET NO
SFPT-RJK-01
VICTOR
11/7/2014
0
6
OF
7
http://www.pulseelectronics.com/
V.
General Specifications
Notes:
1. Clock tolerance is +/- 50 ppm.
2. By default, it is a full duplex device in preferred master mode.
3. Automatic crossover detection is enabled.
External crossover cable is not required.
4. Does not support SGMII. With a SERDES the module will operate at 1000BASE-T only.
VI.
Environmental Specifications
VII.
Serial Communication Protocol
Support the 2-wire serial communication protocol outlined in the SFP MSA. It uses use an Atmel
AT24C02B 256 byte EEPROM with an address of A0h.
General
Parameter
Symbol
Min
Typ
Max
unit
Notes/Conditions
Data Rate
BR
10
1000
Mb/sec
IEEE 802.3 compatible.
See Notes 2 through 4 below
Cable Length
L
100
m
Category 5 UTP.
BER
Environmental Specifications
Parameter
Symbol
Min
Typ
Max
unit
Notes/Conditions
Case Operating
Temperature
Tcase
0
70
°C
Storage Temperature
Tsto
-40
85
°C
Ambient temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com