Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPT-RJK-01 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # SFPT-RJK-01
Description  1000BASE-T Copper SFP Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPT-RJK-01 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  SFPT-RJK-01 Datasheet HTML 1Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 2Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 3Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 4Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 5Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 6Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PRODUCT DATASHEET
1000BASE-T Copper SFP Transceiver
PART NUMBER
DFTO
DATE
REVISION
SHEET NO
SFPT-RJK-01
VICTOR
11/7/2014
0
4
OF
7
http://www.pulseelectronics.com/
2. Should be pulled up with 4.7k - 10k Ohms on host board to a voltage between 2.0 V and 3.6 V.
MOD_DEF(0) pulls line low to indicate module is plugged in.
3. LVTTL compatible with a maximum voltage of 2.5V.
II.
+3.3V Volt Electrical Power Interface
Input voltage range: 3.3 V +/- 5%. The 4V maximum voltage is not allowed for continuous operation.
Caution: Power consumption and surge current are higher than the specified values in the SFP MSA.
III.
Low-Speed Signals
MOD_DEF(1)
(SCL)
and
MOD_DEF(2)
(SDA),
are
open
drain
CMOS
signals
(see
section VII, "Serial Communication Protocol").
Both MOD_DEF(1) and MOD_DEF(2) must be
pulled up to host Vcc.
+3.3 Volt Electrical Power Interface
Parameter
Symbol
Min
Typ
Max
unit
Notes/Conditions
Supply Current
Is
320
375
mA
1.2W max power over
full range of voltage
and temperature.
See caution note below
Input Voltage
Vcc
3.13
3.3
3.47
V
Referenced to GND
Maximum Voltage
Vmax
4
V
Surge Current
Isurge
30
mA
Hot plug above steady state
current.
See caution note
below



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com