Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPT-RJK-01 Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # SFPT-RJK-01
Description  1000BASE-T Copper SFP Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPT-RJK-01 Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  SFPT-RJK-01 Datasheet HTML 1Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 2Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 3Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 4Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 5Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 6Page - Pulse A Technitrol Company SFPT-RJK-01 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PRODUCT DATASHEET
1000BASE-T Copper SFP Transceiver
PART NUMBER
DFTO
DATE
REVISION
SHEET NO
SFPT-RJK-01
VICTOR
11/7/2014
0
5
OF
7
http://www.pulseelectronics.com/
IV.
High-Speed Electrical Interface
All high-speed signals are AC-coupled internally.
Low-Speed Signals, Electronic Characteristics
Parameter
Symbol
Min
Max
unit
Notes/Conditions
SFP Output LOW
VOL
0
0.5
V
4.7k to 10k pull-up to host_Vcc,
measured at host side of
connector
SFP Output HIGH
VOH
host_Vcc
-0.5
host_Vcc + 0.3
V
4.7k to 10k pull-up to host_Vcc,
measured at host side of
connector
SFP Input LOW
VIL
0
0.8
V
4.7k to 10k pull-up to Vcc,
measured at SFP side of
connector
SFP Input HIGH
VIH
2
Vcc + 0.3
V
4.7k to 10k pull-up to Vcc,
measured at SFP side of
connector
High-Speed Electrical Interface, Transmission Line-SFP
Parameter
Symbol
Min
Typ
Max
unit
Notes/Conditions
Line Frequency
fL
125
MHz
5-level encoding, per
IEEE 802.3
Tx Output Impedance
Zout,TX
100
Ohm
Differential, for all
frequencies between
1MHz and 125MHz
Rx Input Impedance
Zin,RX
100
Ohm
Differential, for all
frequencies between
1MHz and 125MHz
Parameter
Symbol
Min
Typ
Max
unit
Notes/Conditions
Single ended data input
Swing
Vinsing
250
1200
mV
Single ended
Single ended data output
Swing
Voutsing
350
800
mV
Single ended
Rise/Fall Time
Tr,Tf
175
psec
20%-80%
Tx Input Impedance
Zin
50
Ohm
Single ended
Rx Output Impedance
Zout
50
Ohm
Single ended



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com