Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVS4200 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLVS4200
Description  Tinted clear package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLVS4200 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLVS4200 Datasheet HTML 1Page - Vishay Siliconix TLVS4200 Datasheet HTML 2Page - Vishay Siliconix TLVS4200 Datasheet HTML 3Page - Vishay Siliconix TLVS4200 Datasheet HTML 4Page - Vishay Siliconix TLVS4200 Datasheet HTML 5Page - Vishay Siliconix TLVS4200 Datasheet HTML 6Page - Vishay Siliconix TLVS4200 Datasheet HTML 7Page - Vishay Siliconix TLVS4200 Datasheet HTML 8Page - Vishay Siliconix TLVS4200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TLVH420., TLVS4200, TLVY4200, TLVG4200, TLVP420.
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 14-Oct-14
5
Document Number: 83057
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Relative Luminous Flux vs. Forward Current/Duty Cycle
Fig. 8 - Relative Luminous Flux vs. Ambient Temperature
Fig. 9 - Forward Current vs. Forward Voltage
Fig. 10 - Relative Luminous Flux vs. Ambient Temperature
Fig. 11 - Relative Luminous Flux vs. Forward Current/Duty Cycle
Fig. 12 - Relative Luminous Flux vs. Forward Current
red
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
t p/T
2.0
95 10473
0
0
0.4
0.8
1.2
1.6
95 10472
20
40
60
80
100
IF = 10 mA
Tamb - Ambient Temperature (°C)
red
0.1
1
10
100
95 9990
soft orange
VF - Forward Voltage (V)
5
4
3
2
1
0
0
0.4
0.8
1.2
1.6
2.0
96 11599
soft orange
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
soft orange
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
96 11600
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
t p/T
2.0
0.01
0.1
1
10
IF - Forward Current (mA)
96 11601
soft orange
1
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com