Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVS4200 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLVS4200
Description  Tinted clear package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLVS4200 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLVS4200 Datasheet HTML 1Page - Vishay Siliconix TLVS4200 Datasheet HTML 2Page - Vishay Siliconix TLVS4200 Datasheet HTML 3Page - Vishay Siliconix TLVS4200 Datasheet HTML 4Page - Vishay Siliconix TLVS4200 Datasheet HTML 5Page - Vishay Siliconix TLVS4200 Datasheet HTML 6Page - Vishay Siliconix TLVS4200 Datasheet HTML 7Page - Vishay Siliconix TLVS4200 Datasheet HTML 8Page - Vishay Siliconix TLVS4200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLVH420., TLVS4200, TLVY4200, TLVG4200, TLVP420.
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 14-Oct-14
3
Document Number: 83057
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous flux is tested at a current pulse duration of 25 ms.
The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped on each
bag (there will be no mixing of two groups in each bag).
In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped on any one bag.
In order to ensure availability, single wavelength groups will not be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLVP4200, TLVP4201, PURE GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux
IF = 15 mA
TLVP4200
φV
420
-
mlm
TLVP4201
φV
16
30
-
mlm
Dominant wavelength
IF = 10 mA
λd
555
-
565
nm
Peak wavelength
IF = 10 mA
λp
-
555
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 85
-
deg
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF
LUMINOUS FLUX CLASSIFICATION
GROUP
LUMINOUS FLUX (mlm)
STANDARD
MIN.
MAX.
P4
8
Q
6.3
12.5
R10
20
S16
32
T25
50
U40
80
V
63
125
W
100
200
X
130
260
Y
180
360
Z
240
480
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
YELLLOW
GREEN
PURE GREEN
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
0
555
559
1
581
584
558
561
2
583
586
560
563
3
585
588
562
565
562
565
4
587
590
564
567
5
589
592
566
569
6
591
594
568
571
7
570
573
8
572
575



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com