Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVS4200 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLVS4200
Description  Tinted clear package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLVS4200 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLVS4200 Datasheet HTML 1Page - Vishay Siliconix TLVS4200 Datasheet HTML 2Page - Vishay Siliconix TLVS4200 Datasheet HTML 3Page - Vishay Siliconix TLVS4200 Datasheet HTML 4Page - Vishay Siliconix TLVS4200 Datasheet HTML 5Page - Vishay Siliconix TLVS4200 Datasheet HTML 6Page - Vishay Siliconix TLVS4200 Datasheet HTML 7Page - Vishay Siliconix TLVS4200 Datasheet HTML 8Page - Vishay Siliconix TLVS4200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TLVH420., TLVS4200, TLVY4200, TLVG4200, TLVP420.
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 14-Oct-14
4
Document Number: 83057
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Forward Current vs. Pulse Length
Fig. 3 - Relative Luminous Intensity vs.
Angular Displacement for 90 ° Emission Angle
Fig. 4 - Relative Intensity vs. Wavelength
Fig. 5 - Forward Current vs. Forward Voltage
Fig. 6 - Relative Luminous Flux vs. Forward Current
0
10
20
30
40
60
95 10905
50
T
amb - Ambient Temperature (°C)
100
80
60
40
20
0
0.02
0.05
0.1
0.2
1
0.5
t p /T= 0.01
Tamb
≤ 65 °C
0.01
0.1
1
10
1
10
100
1000
10 000
t p - Pulse Length (ms)
100
95 10047
96 11608
0.4 0.2
0
0.2 0.4 0.6
0.6
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.8 1.0
0.8
1.0
590
610
630
650
670
0
0.2
0.4
0.6
0.8
1.2
690
95 10040
λ - Wavelength (nm)
1.0
red
red
t
p/T = 0.001
t
p = 10 µs
0.1
1
10
100
1000
95 10026
VF - Forward Voltage (V)
10
8
6
4
2
0
0.01
0.1
1
10
IF - Forward Current (mA)
95 10474
110
100
red



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com