Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVS4200 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLVS4200
Description  Tinted clear package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLVS4200 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLVS4200 Datasheet HTML 1Page - Vishay Siliconix TLVS4200 Datasheet HTML 2Page - Vishay Siliconix TLVS4200 Datasheet HTML 3Page - Vishay Siliconix TLVS4200 Datasheet HTML 4Page - Vishay Siliconix TLVS4200 Datasheet HTML 5Page - Vishay Siliconix TLVS4200 Datasheet HTML 6Page - Vishay Siliconix TLVS4200 Datasheet HTML 7Page - Vishay Siliconix TLVS4200 Datasheet HTML 8Page - Vishay Siliconix TLVS4200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLVH420., TLVS4200, TLVY4200, TLVG4200, TLVP420.
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 14-Oct-14
2
Document Number: 83057
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLVH4200, TLVH4201, RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux
IF = 15 mA
TLVH4200
φV
10
55
-
mlm
TLVH4201
φV
40
-
125
mlm
Dominant wavelength
IF = 10 mA
λd
612
-
625
nm
Peak wavelength
IF = 10 mA
λp
-
635
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 85
-
deg
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLVS4200, SOFT ORANGE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux
IF = 15 mA
TLVS4200
φV
10
70
-
mlm
Dominant wavelength
IF = 10 mA
λd
598
-
611
nm
Peak wavelength
IF = 10 mA
λp
-
605
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 85
-
deg
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLVY4200, YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux
IF = 15 mA
TLVY4200
φV
10
30
-
mlm
Dominant wavelength
IF = 10 mA
λd
581
-
594
nm
Peak wavelength
IF = 10 mA
λp
-
585
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 85
-
deg
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLVG4200, GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux
IF = 15 mA
TLVG4200
φV
10
30
-
mlm
Dominant wavelength
IF = 10 mA
λd
562
-
575
nm
Peak wavelength
IF = 10 mA
λp
-
555
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 85
-
deg
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com