Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7541BJS Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7541BJS
Description  15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7541BJS Datasheet(HTML) 2 Page - Exar Corporation

  MP7541BJS Datasheet HTML 1Page - Exar Corporation MP7541BJS Datasheet HTML 2Page - Exar Corporation MP7541BJS Datasheet HTML 3Page - Exar Corporation MP7541BJS Datasheet HTML 4Page - Exar Corporation MP7541BJS Datasheet HTML 5Page - Exar Corporation MP7541BJS Datasheet HTML 6Page - Exar Corporation MP7541BJS Datasheet HTML 7Page - Exar Corporation MP7541BJS Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP7541B
2
Rev. 2.00
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
Ceramic Dip
MP7541BSD*
Ceramic Dip
MP7541BTD*
Plastic Dip
MP7541BJN
Plastic Dip
MP7541BKN
SOIC
MP7541BJS
SOIC
MP7541BKS
–55 to +125
°C
–40 to +85
°C
–55 to +125
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
1
1
1
1/2
1/2
1/2
8
5
1
1
1
1/2
1/2
1/2
INL
(LSB)
Gain Error
(LSB)
DNL
(LSB)
8
5
5
8
*Contact factory for non-compliant military processing
PIN CONFIGURATIONS
GND
(MSB) BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 12 (LSB)
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
18 Pin PDIP, CDIP (0.300”)
N18, D18
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
RFB
VREF
VDD
IOUT1
IOUT2
18
1
10
9
2
3
4
5
6
7
15
14
13
12
11
17
16
8
18 Pin SOIC (Jedec, 0.300”)
S18
BIT 12 (LSB)
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
RFB
VREF
VDD
GND
(MSB) BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
IOUT1
IOUT2
See Packaging Section for Package Dimensions
PIN OUT DEFINITIONS
PIN NO.
NAME
DESCRIPTION
1IOUT1
Current Output 1
2IOUT2
Current Output 2
3
GND
Ground
4
BIT 1
Data Input Bit 1 (MSB)
5
BIT 2
Data Input Bit 2
6
BIT 3
Data Input Bit 3
7
BIT 4
Data Input Bit 4
8
BIT 5
Data Input Bit 5
9
BIT 6
Data Input Bit 6
PIN NO.
NAME
DESCRIPTION
10
BIT 7
Data Input Bit 7
11
BIT 8
Data Input Bit 8
12
BIT 9
Data Input Bit 9
13
BIT 10
Data Input Bit 10
14
BIT 11
Data Input Bit 11
15
BIT 12
Data Input Bit 12 (LSB)
16
VDD
Positive Power Supply
17
VREF
Reference Input Voltage
18
RFB
Internal Feedback Resistor



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com