Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7541BJS Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7541BJS
Description  15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7541BJS Datasheet(HTML) 3 Page - Exar Corporation

  MP7541BJS Datasheet HTML 1Page - Exar Corporation MP7541BJS Datasheet HTML 2Page - Exar Corporation MP7541BJS Datasheet HTML 3Page - Exar Corporation MP7541BJS Datasheet HTML 4Page - Exar Corporation MP7541BJS Datasheet HTML 5Page - Exar Corporation MP7541BJS Datasheet HTML 6Page - Exar Corporation MP7541BJS Datasheet HTML 7Page - Exar Corporation MP7541BJS Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP7541B
3
Rev. 2.00
ELECTRICAL CHARACTERISTICS
VDD = + 15 V, VREF = +10 V, IOUT1 = IOUT2 = GND = 0 V Unless Otherwise Noted.
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE1
Resolution (All Grades)
N
12
12
Bits
Integral Non-Linearity
INL
LSB
End Point Linearity
(Relative Accuracy)
K, T
+1/2
+1/2
J, S
+1+1
Differential Non-Linearity
DNL
LSB
All grades
K, T
+1/2
+1/2
monotonic over full
J, S
+1+1
temperature range.
Gain Error
GE
LSB
Using Internal RFB
K, T
+3+5
J, S
+6+8
Gain Temperature Coefficient2
TCGE
+2
ppm/
°C
∆Gain/∆Temperature
Power Supply Rejection Ratio
PSRR
5
+50
+100
ppm/%
|∆Gain/∆VDD|
∆VDD = + 5%
Output Leakage Current
ILKG
5+10
+200
nA
Digital Inputs = 0 or 5 V
DYNAMIC PERFORMANCE2
RL=100
Ω, CEXT=13pF
Current Settling Time
tS
0.65
1.0
µs
Full scale change
to 1/2 LSB
AC Feedthrough at IOUT1
FT
1.0
mV p-p
VREF = 20 V p-p
10kHz, Sinewave
Glitch Energy
Egl
500
nVs
00--0 to 11--1
Input Change
Propagation Delay
tPD
60
ns
From 50% of digital
input to 10% of final
analog output
current
REFERENCE INPUT
Input Resistance
RIN
5
10
20
5
20
k
Ω
DIGITAL INPUTS
Logical “1” Voltage
VIH
3.0
2.4
3.0
V
Logical “0” Voltage
VIL
0.8
0.8
V
Input Leakage Current
IINH, IINL
+1.0
+1.0
µA
Input Capacitance2
Data
CIN
8.0
8.0
pF
ANALOG OUTPUTS2
Output Capacitance
COUT1
100
pF
DAC all 1’s
COUT1
50
pF
DAC all 0’s
COUT2
50
pF
DAC all 1’s
COUT2
100
pF
DAC all 0’s
POWER SUPPLY3
Functional Voltage Range2
VDD
4.5
16
4.5
16
V
Supply Current
IDD
1.0
1.0
mA
All Digital Inputs = 0 or 5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com