Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7541BJS Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7541BJS
Description  15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7541BJS Datasheet(HTML) 4 Page - Exar Corporation

  MP7541BJS Datasheet HTML 1Page - Exar Corporation MP7541BJS Datasheet HTML 2Page - Exar Corporation MP7541BJS Datasheet HTML 3Page - Exar Corporation MP7541BJS Datasheet HTML 4Page - Exar Corporation MP7541BJS Datasheet HTML 5Page - Exar Corporation MP7541BJS Datasheet HTML 6Page - Exar Corporation MP7541BJS Datasheet HTML 7Page - Exar Corporation MP7541BJS Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP7541B
4
Rev. 2.00
ELECTRICAL CHARACTERISTICS (CONT’D)
NOTES:
Specifications are subject to change without notice
1
Full Scale Range (FSR) is 10V for unipolar mode.
2
Guaranteed but not production tested.
3
Specified values guarantee functionality. Refer to other parameters for accuracy.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2
VDD to GND
0 to +17 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Input Voltage to GND
GND –0.5 to VDD +0.5 V
. . . .
IOUT1, IOUT2 to GND
GND –0.5 to VDD +0.5 V
. . . . . . . . . . .
VREF to GND
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VRFB to GND
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . . . . . . . .
Lead Temperature (Soldering, 10 seconds)
+300
°C
. . . . . .
Package Power Dissipation Rating to 75
°C
CDIP, PDIP, SOIC
850mW
. . . . . . . . . . . . . . . . . . . . . . . . .
Derates above 75
°C
11mW/
°C
. . . . . . . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 20mA for less than 100
µs.
APPLICATION NOTES
Refer to Section 8 for Applications Information
PERFORMANCE CHARACTERISTICS
Graph 1. Linearity Error vs.
Digital Input Code



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com