Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7541BJS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7541BJS
Description  15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7541BJS Datasheet(HTML) 1 Page - Exar Corporation

  MP7541BJS Datasheet HTML 1Page - Exar Corporation MP7541BJS Datasheet HTML 2Page - Exar Corporation MP7541BJS Datasheet HTML 3Page - Exar Corporation MP7541BJS Datasheet HTML 4Page - Exar Corporation MP7541BJS Datasheet HTML 5Page - Exar Corporation MP7541BJS Datasheet HTML 6Page - Exar Corporation MP7541BJS Datasheet HTML 7Page - Exar Corporation MP7541BJS Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP7541B
1
Rev. 2.00
FEATURES
• ESD Protection: 2000 V Minimum
• Full Four Quadrant Multiplication
• Low Glitch Energy
• 12-Bit Linearity (End-Point)
• Guaranteed Monotonic. All Grades. All Temperatures.
• TTL/5 V CMOS Compatible
• Stable, More Accurate Segmented Architecture
–
2.0 ppm/
°C Typ. Gain Error Tempco
–
0.2 ppm/
°C Max. Linearity Tempco
–
Lowest Sensitivity to Output Amplifier Offset
• Latch-Up Free
15 V CMOS
Multiplying 12-Bit
Digital-to-Analog Converter
APPLICATIONS
• Industrial Automation
• Automatic Test Equipment
• Disk Drive Servo Systems
• Digital/Synchro Conversion
• Programmable Gain Amplifiers
• Ratiometric A/D Conversion
• Function Generation
• Digitally Controlled Filters
GENERAL DESCRIPTION
The MP7541B is a pin-compatible replacement which offers
superior performance in latch-up and ESD protection versus the
comparable 7541 and 7541A. The high ESD protection will re-
duce failures caused by mishandling. These devices are manu-
factured using patented advanced thin film resistors on a double
metal CMOS process which result in ultra stable thin film and su-
perior long life reliability and stability. The MP7541B incorpo-
rates a bit decoding technique yielding lower glitch, higher
speed and excellent accuracy over temperature and time. The
MP7541B’s outstanding features are:
Stability: Both Integral Non-Linearity (INL) and Differential-
Non-Linearity (DNL) are rated at 0.2 ppm/
°C maximum.
Monotonicity is guaranteed over the entire temperature range.
Gain Temperature Coefficient (TCGE) is 2.0 ppm/
°C typical.
Lower Sensitivity to Output Amplifier Offset:
Multiplying
DACs provide an output current into a virtual ground of the out-
put op amp. Additional linearity error caused by the op amp is
reduced by a factor of 3 in the MP7541B versus conventional
R-2R DACs.
3-7 Decoder
80k
40k
Switch Drivers
40k
40k
GND BIT 1
BIT 2
BIT 3
BIT 4
BIT 12
(LSB)
(MSB)
10k
80k
“1”
“1”
“1”
“1”
“1”
SIMPLIFIED BLOCK DIAGRAM
“1”
VDD
VREF
RFB
IOUT1
IOUT2


Similar Part No. - MP7541BJS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7542 EXAR-MP7542 Datasheet
108Kb / 12P
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
MP7542AD EXAR-MP7542AD Datasheet
108Kb / 12P
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
MP7542BD EXAR-MP7542BD Datasheet
108Kb / 12P
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
MP7542JN EXAR-MP7542JN Datasheet
108Kb / 12P
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
MP7542JS EXAR-MP7542JS Datasheet
108Kb / 12P
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
More results

Similar Description - MP7541BJS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7616 EXAR-MP7616 Datasheet
91Kb / 8P
15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
logo
Analog Devices
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com