Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3026 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3026
Description  High-Efficiency Notebook Computer Power Supply Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3026 Datasheet(HTML) 1 Page - Analog Devices

  ADP3026 Datasheet HTML 1Page - Analog Devices ADP3026 Datasheet HTML 2Page - Analog Devices ADP3026 Datasheet HTML 3Page - Analog Devices ADP3026 Datasheet HTML 4Page - Analog Devices ADP3026 Datasheet HTML 5Page - Analog Devices ADP3026 Datasheet HTML 6Page - Analog Devices ADP3026 Datasheet HTML 7Page - Analog Devices ADP3026 Datasheet HTML 8Page - Analog Devices ADP3026 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
REV. PrB
3/12/02
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Preliminary Technical Data
ADP3026
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
High-Efficiency Notebook Computer
Power Supply Controller
FUNCTIONAL BLOCK DIAGRAM
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Wide Input Voltage Range: 6.5 V to 25 V
Wide Input Voltage Range: 6.5 V to 25 V
Wide Input Voltage Range: 6.5 V to 25 V
Wide Input Voltage Range: 6.5 V to 25 V
Wide Input Voltage Range: 6.5 V to 25 V
High Conversion Efficiency > 96%
High Conversion Efficiency > 96%
High Conversion Efficiency > 96%
High Conversion Efficiency > 96%
High Conversion Efficiency > 96%
Int
Int
Int
Int
Integrated Current Sense—No External Resistor Re-
egrated Current Sense—No External Resistor Re-
egrated Current Sense—No External Resistor Re-
egrated Current Sense—No External Resistor Re-
egrated Current Sense—No External Resistor Re-
quired
quired
quired
quired
quired
Low Shutdown Current: 14
Low Shutdown Current: 14
Low Shutdown Current: 14
Low Shutdown Current: 14
Low Shutdown Current: 14
A (Typical)
A (Typical)
A (Typical)
A (Typical)
A (Typical)
Voltage Mode PWM with Input Feed Forward for Fast
Voltage Mode PWM with Input Feed Forward for Fast
Voltage Mode PWM with Input Feed Forward for Fast
Voltage Mode PWM with Input Feed Forward for Fast
Voltage Mode PWM with Input Feed Forward for Fast
Line Transient Response
Line Transient Response
Line Transient Response
Line Transient Response
Line Transient Response
Dual Synchronous Buck Controllers with PWM/
Dual Synchronous Buck Controllers with PWM/
Dual Synchronous Buck Controllers with PWM/
Dual Synchronous Buck Controllers with PWM/
Dual Synchronous Buck Controllers with PWM/
Power-Saving Mode Operation
Power-Saving Mode Operation
Power-Saving Mode Operation
Power-Saving Mode Operation
Power-Saving Mode Operation
Built-In Gate Drive Boost Circuit for Driving Exter-
Built-In Gate Drive Boost Circuit for Driving Exter-
Built-In Gate Drive Boost Circuit for Driving Exter-
Built-In Gate Drive Boost Circuit for Driving Exter-
Built-In Gate Drive Boost Circuit for Driving Exter-
nal
nal
nal
nal
nal
N-Channel MOSFETs
N-Channel MOSFETs
N-Channel MOSFETs
N-Channel MOSFETs
N-Channel MOSFETs
Two Fixed Output Voltages: 3.3 V, 5 V
Two Fixed Output Voltages: 3.3 V, 5 V
Two Fixed Output Voltages: 3.3 V, 5 V
Two Fixed Output Voltages: 3.3 V, 5 V
Two Fixed Output Voltages: 3.3 V, 5 V
PWM Frequency: 300 kHz
PWM Frequency: 300 kHz
PWM Frequency: 300 kHz
PWM Frequency: 300 kHz
PWM Frequency: 300 kHz
Extensive Circuit Protection Functions
Extensive Circuit Protection Functions
Extensive Circuit Protection Functions
Extensive Circuit Protection Functions
Extensive Circuit Protection Functions
28-Lead TSSOP Package
28-Lead TSSOP Package
28-Lead TSSOP Package
28-Lead TSSOP Package
28-Lead TSSOP Package
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
Notebook Computers and PDAs
Notebook Computers and PDAs
Notebook Computers and PDAs
Notebook Computers and PDAs
Notebook Computers and PDAs
Portable Instruments
Portable Instruments
Portable Instruments
Portable Instruments
Portable Instruments
General Purpose DC-DC Converters
General Purpose DC-DC Converters
General Purpose DC-DC Converters
General Purpose DC-DC Converters
General Purpose DC-DC Converters
GENERAL DESCRIPTION
The ADP3026 is a highly efficient dual synchronous buck
switching regulator controller optimized for converting the
battery or adapter input into the system supply voltages re-
quired in notebook computers. The ADP3026 uses a
dual-mode PWM/Power Saving Mode architecture to maintain
efficiency over a wide load range.
The ADP3026 provides accurate and reliable short circuit
protection using an internal current sense circuit, which re-
duces cost and increases overall efficiency. Other protection
features include programmable soft-start, UVLO, and inte-
grated output undervoltage/overvoltage protection.
POWER-ON
RESET
VIN
6.5V TO 25V
3.3V
SS3
Q1
Q2
Q3
SS5
Q4
5V
L1
L2
PWRGD
ADP3026
REF
5V LINEAR
3.3V
SMPS
5V
SMPS
PRELIMINARY TECHNICAL DATA


Similar Part No. - ADP3026

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
High Efficiency Dual Power Supply Controller
REV. 0
More results

Similar Description - ADP3026

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV.0
logo
Richtek Technology Corp...
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
High Efficiency, Main Power Supply Controller for Notebook Computer
logo
Analog Devices
ADP3020 AD-ADP3020_15 Datasheet
309Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV. 0
logo
Richtek Technology Corp...
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com