Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7312 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7312
Description  Multiformat 11-Bit HDTV Video Encoder
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7312 Datasheet(HTML) 1 Page - Analog Devices

  ADV7312 Datasheet HTML 1Page - Analog Devices ADV7312 Datasheet HTML 2Page - Analog Devices ADV7312 Datasheet HTML 3Page - Analog Devices ADV7312 Datasheet HTML 4Page - Analog Devices ADV7312 Datasheet HTML 5Page - Analog Devices ADV7312 Datasheet HTML 6Page - Analog Devices ADV7312 Datasheet HTML 7Page - Analog Devices ADV7312 Datasheet HTML 8Page - Analog Devices ADV7312 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
REV. 0
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADV7312
Multiformat 11-Bit
HDTV Video Encoder
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
High Definition Input Formats
8-, 16-, 24-Bit (4:2:2, 4:4:4) Parallel YCrCb
Compliant with:
SMPTE 293M (525p)
BTA T-1004 EDTV2 (525p)
ITU-R BT.1358 (625p/525p)
ITU-R BT.1362 (625p/525p)
SMPTE 274M (1080i) at 30 Hz and 25 Hz
SMPTE 296M (720p)
RGB in 3 8-Bit 4:4:4 Input Format
HDTV RGB Supported:
RGB, RGBHV
Other High Definition Formats Using Async
Timing Mode
High Definition Output Formats
YPrPb Progressive Scan (EIA-770.1, EIA-770.2)
YPrPb HDTV (EIA 770.3)
RGB, RGBHV
CGMS-A (720p/1080i)
Macrovision Rev 1.1 (525p/625p)
CGMS-A (525p)
Standard Definition Input Formats
CCIR-656 4:2:2 8-, 16-Bit Parallel Input
Standard Definition Output Formats
Composite NTSC M/N
Composite PAL M/N/B/D/G/H/I, PAL-60
SMPTE 170M NTSC Compatible Composite Video
ITU-R BT.470 PAL Compatible Composite Video
S-Video (Y/C)
EuroScart RGB
Component YPrPb (Betacam, MII, SMPTE/EBU N10)
Macrovision Rev 7.1.L1
CGMS/WSS
Closed Captioning
GENERAL FEATURES
Simultaneous SD and HD Inputs and Outputs
Programmable DAC Gain Control
Sync Outputs in All Modes
On-Board Voltage Reference
Six 11-Bit Precision Video DACs
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The ADV
®7312 is a high speed, digital-to-analog encoder on
a single monolithic chip. It includes six high speed video D/A
converters with TTL compatible inputs.
The ADV7312 has separate 8-, 16-bit input ports that accept
data in high definition and/or standard definition video format.
For all standards, external horizontal, vertical, and blanking
signals or EAV/SAV timing codes control the insertion of
appropriate synchronization signals into the digital data stream
and therefore the output signal.
2-Wire Serial I2C® Interface
Dual I/O Supply 2.5 V/3.3 V Operation
Analog and Digital Supply 2.5 V
On-Board PLL
64-Lead LQFP Package
Lead (Pb) Free Product
APPLICATIONS
Enhanced Versatile Disk (EVD) Players
SD/PS DVD Recorders/Players
SD/Prog Scan/HDTV Display Devices
SD/HDTV Set Top Boxes
Purchase of licensed I2C components of Analog Devices or one of its
sublicensed Associated Companies conveys a license for the purchaser under
the Philips I2C Patent Rights to use these components in an I2C system,
provided that the system conforms to the I2C Standard Specification as
defined by Philips.
CLKIN_A
CLKIN_B
HSYNC
VSYNC
BLANK
Y7–Y0
C7–C0
S7–S0
TIMING
GENERATOR
PLL
O
V
E
R
S
A
M
P
L
I
N
G
I2C
INTERFACE
D
E
M
U
X
STANDARD DEFINITION
CONTROL BLOCK
COLOR CONTROL
BRIGHTNESS
DNR
GAMMA
PROGRAMMABLE FILTERS
SD TEST PATTERN
HIGH DEFINITION
CONTROL BLOCK
HD TEST PATTERN
COLOR CONTROL
ADAPTIVE FILTER CTRL
SHARPNESS FILTER
PROGRAMMABLE
RGB MATRIX
11-BIT
DAC
11-BIT
DAC
11-BIT
DAC
11-BIT
DAC
11-BIT
DAC
11-BIT
DAC
ADV7312


Similar Part No. - ADV7312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7312 AD-ADV7312_15 Datasheet
981Kb / 84P
Multiformat 11-Bit HDTV Video Encoder
REV. 0
More results

Similar Description - ADV7312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7197 AD-ADV7197 Datasheet
229Kb / 20P
Multiformat HDTV Encoder with Three 11-Bit DACs
REV.0
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7330 AD-ADV7330 Datasheet
1Mb / 76P
Multiformat 11-Bit Triple DAC Video Encoder
7/04-Data sheet changed from REV. A to REV. B.
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
Multiformat 11-Bit HDTV Video Encoder
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7312 AD-ADV7312_15 Datasheet
981Kb / 84P
Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7322 AD-ADV7322_15 Datasheet
1,021Kb / 92P
Multiformat 11-Bit HDTV Video Encoder
Rev. 0
ADV7330 AD-ADV7330_15 Datasheet
1Mb / 76P
Multiformat 11-Bit Triple DAC Video Encoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com