Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6718IMAX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6718IMAX
Description  Dual, High Output, Programmable Gain Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6718IMAX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6718IMAX Datasheet HTML 7Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 8Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 9Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 10Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 11Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 12Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 13Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 14Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Application Section (Continued)
AC COUPLED SINGLE SUPPLY OPERATION
Figure 4, Figure 5, and Figure 6 show possible non-inverting
and inverting configurations for input signals that go below
0.8V DC.
The input is AC coupled to prevent the need for level shifting
the input signal at the source. The resistive voltage divider
biases the non-inverting input to V
CC ÷ 2 = 2.5V (For VCC =
+5V)
DUAL SUPPLY OPERATION
The LMH6718 operates on dual supplies as well as single
supplies. The non-inverting and inverting configurations are
shown in Figure 7, Figure 8, and Figure 9.
20040140
FIGURE 2. DC Coupled, A
V = +1V/V Configuration
20040141
FIGURE 3. DC Coupled, A
V = +2V/V Configuration
20040142
FIGURE 4. AC Coupled, A
V = −1V/V Configuration
20040143
FIGURE 5. AC Coupled, A
V = +1V/V Configuration
20040144
FIGURE 6. AC Coupled, A
V = +2V/V Configuration
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com