Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6718IMAX Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6718IMAX
Description  Dual, High Output, Programmable Gain Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6718IMAX Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMH6718IMAX Datasheet HTML 8Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 9Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 10Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 11Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 12Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 13Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 14Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 15Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Section (Continued)
POWER DISSIPATION
Follow these steps to determine the power consumption of
the LMH6718:
1. Calculate the quiescent (no-load) power: P
amp
=I
CC
(V
CC−VEE)
2. Calculate the RMS power at the output stage: P
O =(VCC
−V
LOAD)(ILOAD), where VLOAD and ILOAD are the voltage and
current across the external load.
3. Calculate the total RMS power: P
t =Pamp+PO. The maxi-
mum power that the SOIC, package can dissipate at a given
temperature is illustrated in Figure 12. The power derating
curve for any LMH6718 package can be derived by utilizing
the following equation:
where
T
amb = Ambient temperature (˚C)
θ
JA = Thermal resistance, from junction to ambient, for a
given package (˚C/W)
LAYOUT CONSIDERATIONS
A proper printed circuit layout is essential for achieving high
frequency performance. National provides evaluation boards
for the LMH6718 (CLC730036-SOIC) and suggests their use
as a guide for high frequency layout and as an aid for device
testing and characterization.
General layout and supply bypassing play major roles in high
frequency performance. Follow the steps below as a basis
for high frequency layout:
•
Include 6.8µF tantalum and 0.1µF ceramic capacitors on
both supplies.
•
Place the 6.8µF capacitors within 0.75 inches of the
power pins.
•
Place the 0.1µF capacitors less than 0.1 inches from the
power pins.
•
Remove the ground plane under and around the part,
especially near the input and output pins to reduce para-
sitic capacitance.
•
Minimize all trace lengths to reduce series inductances.
•
Use flush-mount printed circuit board pins for prototyping,
never use high profile DIP sockets.
EVALUATION BOARD INFORMATION
A datasheet is available for the CLC730036 evaluation
board. The evaluation board data sheets provide:
•
Evaluation board schematics
•
Evaluation board layouts
•
General information about the boards
The evaluation boards are designed to accommodate dual
supplies. The boards can be modified to provide single
supply operation. For best performance; 1) do not connect
the unused supply, 2) ground the unused supply pin.
SPECIAL EVALUATION BOARD CONSIDERATION FOR
THE LMH6718
To optimize off-isolation of the LMH6718, cut the R
f trace on
the CLC730036 evaluation boards. This cut minimizes ca-
pacitive feedthrough between the input and the output. Fig-
ure 13 shows where to cut both evaluation boards for im-
proved off-isolation.
20040149
FIGURE 11. Transmission Line Matching
20040163
FIGURE 12. Power Derating Curve
20040152
FIGURE 13. Evaluation Board Changes
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com