Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6718IMAX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6718IMAX
Description  Dual, High Output, Programmable Gain Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6718IMAX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMH6718IMAX Datasheet HTML 8Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 9Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 10Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 11Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 12Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 13Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 14Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 15Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Application Circuits
SINGLE SUPPLY CABLE DRIVER
Figure 14 below shows the LMH6718 driving 10m of 75
Ω
coaxial cable. The LMH6718 is set for a gain of +2V/V to
compensate for the divide-by-two voltage drop at V
O. The
response after 10m of cable is illustrated in Figure 15
DIFFERENTIAL LINE DRIVER WITH LOAD IMPEDANCE
CONVERSION
The circuit shown in Figure 16, operates as a differential line
driver. The transformer converts the load impedance to a
value that best matches the LMH6718’s output capabilities.
The single-ended input signal is converted to a differential
signal by the LMH6718. The line’s characteristic impedance
is matched at both the input and the output. The schematic
shows Unshielded Twisted Pair for the transmission line;
other types of lines can also be driven.
Set up the LMH6718 as a difference amplifier:
•
Set the Channel 1 amplifier to a gain of +1V/V
•
Set the Channel 2 amplifier to a gain of −1V/V
Make the best use of the LMH6718’s output drive capability
as follows:
where R
eq is the transformed value of the load impedance,
V
max is the output Voltage Range, and Imax is the maximum
Output Current.
Match the line’s characteristic impedance:
Select the transformer so that it loads the line with a value
very near Z
O over frequency range. The output impedance
of the LMH6718 also affects the match. With an ideal trans-
former we obtain:
where Z
O(6718)(j
ω) is the output impedance of the
LMH6718 and |Z
O(6718)(j
ω)|<<R
m.
The load voltage and current will fall in the ranges:
The LMH6718’s high output drive current and low distortion
make it a good choice for this application.
20040153
FIGURE 14. Single Supply Cable Driver
20040154
FIGURE 15. Response After 10m of Cable
20040155
FIGURE 16. Differential Line Driver with Load
Impedance Conversion
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com