Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6718IMAX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6718IMAX
Description  Dual, High Output, Programmable Gain Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6718IMAX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6718IMAX Datasheet HTML 1Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 2Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 3Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 4Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 5Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 6Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 7Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 8Page - National Semiconductor (TI) LMH6718IMAX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMH6718
Dual, High Output, Programmable Gain Buffer
General Description
The LMH6718 is a dual, low cost high speed (130MHz)
buffer which features user programmable gains of +2, +1,
and -1V/V. The LMH6718 also has a new output stage that
delivers high output drive current (200mA), but consumes
minimal quiescent supply current (2.6mA/Amp) from a ±5V
supply. Its current feedback architecture, fabricated in an
advanced complementary bipolar process, maintains consis-
tent performance over a wide range of signal levels, and has
a linear phase response up to one half of the -3dB frequency.
The LMH6718 offers 0.1dB gain flatness to 30MHz and
differential gain and phase errors of .04% and .03˚. These
features are ideal for professional and consumer video ap-
plications.
The LMH6718 offers superior dynamic performance with a
130MHz small-signal bandwidth, 600V/µs slew rate and
4.2ns rise/fall times (2V
STEP). The combination of low quies-
cent current, high output current drive, and high speed per-
formance makes the LMH6718 well suited for many battery
powered personal communication/computing systems. The
ability to drive low impedance, high capacitive loads, makes
the LMH6718 ideal for single ended cable applications. It
also drives low impedance loads with minimum distortion.
The LMH6718 will drive a 100
Ω load with only −84/−84dBc
second/third harmonic distortion (A
V = +2, VOUT =2VPP,f=
1MHz). It is also optimized for driving high currents into
single-ended transformers and coils. When driving the input
of high resolution A/D converters, the LMH6718 provides
excellent -88/-98dBc second/third harmonic distortion (A
V =
+2, V
OUT =2VPP, f = 1MHz, RL =1k
Ω) and fast settling time.
The LMH6718 is fabricated using National’s VIP10™ com-
plimentary bipolar process.
Features
n
200mA output current
n
.04%, .03˚ differential gain, phase
n
5.2mA supply current for 2 amplifiers
n
130MHz bandwidth (A
V = +2)
n
−88/−98dBc HD2/HD3 (1MHz)
n
16ns settling to 0.05%
n
600V/µs slew rate
n
Nominal supply range ±2.5V to ±6V
n
Improved replacement for CLC5632
Applications
n
Video line driver
n
Coaxial cable driver
n
Twisted pair driver
n
Transformer/coil driver
n
High capacitive load driver
n
Portable/battery powered applications
n
A/D driver
n
I/Q Channel Amplifier
Connection Diagram
8-Pin SOIC
20040116
Top View
Maximum Output Voltage vs. Load
Resistance
20040164
January 2003
© 2003 National Semiconductor Corporation
DS200401
www.national.com


Similar Part No. - LMH6718IMAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6714 NSC-LMH6714 Datasheet
597Kb / 15P
Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6714 TI1-LMH6714 Datasheet
1Mb / 30P
LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
LMH6714 TI-LMH6714 Datasheet
1Mb / 29P
LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714 TI1-LMH6714 Datasheet
1Mb / 29P
Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
National Semiconductor ...
LMH6714MA NSC-LMH6714MA Datasheet
597Kb / 15P
Wideband Video Op Amp; Single, Single with Shutdown and Quad
More results

Similar Description - LMH6718IMAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5612 NSC-CLC5612 Datasheet
304Kb / 18P
Dual, High Output, Programmable Gain Buffer
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
Dual, High Output, Programmable Gain Buffer
CLC5633 NSC-CLC5633 Datasheet
188Kb / 17P
Triple, High Output, Programmable Gain Buffer
logo
Intersil Corporation
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
logo
National Semiconductor ...
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
Dual Low-Power, Programmable Gain Buffer
logo
Intersil Corporation
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
Ultra High Speed Programmable Gain Buffer Amplifier
June 1994
HFA1113883 INTERSIL-HFA1113883 Datasheet
568Kb / 22P
Output Limiting, Ultra High Speed Programmable Gain, Buffer Amplifier
July 1994
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
logo
CML Microcircuits
CMX993 CMLMICRO-CMX993 Datasheet
803Kb / 26P
Programmable 30dB Output Gain Range
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com