Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR392BUJZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADR392BUJZ-R2
Description  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR392BUJZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR392BUJZ-R2 Datasheet HTML 2Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 3Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 4Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 5Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 6Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 7Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 8Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 9Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 6 of 20
ADR395 SPECIFICATIONS
Electrical characteristics, VIN = 5.3 V to 15 V, TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VO
A grade
4.994
5.000
5.006
V
VO
B grade
4.995
5.000
5.005
V
VOERR
A grade
6
mV
INITIAL ACCURACY
VOERR
B grade
0.12
%
VOERR
B grade
5
mV
VOERR
B grade
0.10
%
A grade, −40°C < TA < +125°C
25
ppm/°C
TEMPERATURE COEFFICIENT
TCVO
B grade, −40°C < TA < +125°C
9
ppm/°C
SUPPLY VOLTAGE HEADROOM
VIN − VO
300
mV
LINE REGULATION
∆VO/∆VIN
VIN = 4.3 V to 15 V, −40°C < TA < +125°C
10
25
ppm/V
LOAD REGULATION
∆VO/∆ILOAD
ILOAD = 0 mA to 5 mA, −40°C < TA < +125°C, VIN = 6 V
140
ppm/mA
No load
120
µA
QUIESCENT CURRENT
IIN
−40°C < TA < +125°C
140
µA
VOLTAGE NOISE
en p-p
0.1 Hz to 10 Hz
8
µV p-p
TURN-ON SETTLING TIME
tR
20
µs
LONG-TERM STABILITY1
∆VO
1, 000 hours
50
ppm
OUTPUT VOLTAGE HYSTERESIS
∆VO_HYS
100
ppm
RIPPLE REJECTION RATIO
RRR
fIN = 60 kHz
80
dB
VIN = 5 V
25
mA
SHORT CIRCUIT TO GND
ISC
VIN = 15 V
30
mA
SHUTDOWN PIN
Shutdown Supply Current
ISHDN
3
µA
Shutdown Logic Input Current
ILOGIC
500
nA
Shutdown Logic Low
VINL
0.8
V
Shutdown Logic High
VINH
2.4
V
1 The long-term stability specification is noncumulative. The drift of subsequent 1,000 hour periods is significantly lower than in the first 1,000 hour period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com